Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC3.5 Datasheet(PDF) 4 Page - Recom International Power

Part # REC3.5
Description  3.5 Watt DIP24 Reinforced Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3.5 Datasheet(HTML) 4 Page - Recom International Power

  REC3.5 Datasheet HTML 1Page - Recom International Power REC3.5 Datasheet HTML 2Page - Recom International Power REC3.5 Datasheet HTML 3Page - Recom International Power REC3.5 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E-106
www.recom-electronic.com
REV: 0/2010
3rd angle
projection
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
ECONOLINE
DC/DC-Converter
REC3.5-S_DRW
/R* Series
“C” Pinning
/R8 & /R10
Bottom View
Top View
12
1 2
13
15
22
23
11
10
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.20
20.30
2.54
2.03
4.1
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
+Vin
+Vin
10
NC
Com
11
NC
Com
12
–Vout
NC
13
+Vout
–Vout
15
NC
+Vout
23
–Vin
–Vin
24
–Vin
–Vin
NC = No Connection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Recommended Footprint Details
“A” Pinning
/R8 & /R10
CTRL Option
Vin+
0V
22,23
2
1
CTRL
TTL Input
1kW
REC3.5-xxxx/CTRL
1N4148
On
Off
ON = Open or 0V< Vctrl <1.2V
OFF = 2.2V< Vctrl <12V
Bottom View
Top View
11
(1) 2
14
16
22
23
CRTL Version only
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.20
20.30
2.54
4.1
4.60
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
Dual
1 (option)
CTRL
CTRL
2
–Vin
–Vin
11
NC
–Vout
14
+Vout
+Vout
16
–Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
NC = No Connection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com