Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC3.5 Datasheet(PDF) 3 Page - Recom International Power

Part # REC3.5
Description  3.5 Watt DIP24 Reinforced Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3.5 Datasheet(HTML) 3 Page - Recom International Power

  REC3.5 Datasheet HTML 1Page - Recom International Power REC3.5 Datasheet HTML 2Page - Recom International Power REC3.5 Datasheet HTML 3Page - Recom International Power REC3.5 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.recom-international.com
E-105
REV:0/2010
ECONOLINE
DC/DC-Converter
Typical Characteristics - Continued
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
4824
1224
2424
0524
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0505
2405
4805
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0512
2412
1212
4812
REC3.5-xx24SRW/R*
REC3.5-xx12DRW/R*
Efficiency vs Load
nom
min
Efficiency VS Input Voltage
max
max+20%
70
72
74
76
78
80
82
84
86
88
90
Input Voltage (V)
4824
2424
1224
0524
nom
min
Efficiency VS Input Voltage
max
max+20%
70
72
74
76
78
80
82
84
86
88
90
Input Voltage (V)
4805
2405
1205
0505
nom
min
Efficiency VS Input Voltage
max
max+20%
70
72
74
76
78
80
82
84
86
88
90
Input Voltage (V)
4812
1212
0512
2412
Efficiency vs Vin
REC3.5-S_DRW
/R* Series
REC3.5-xx05SRW/R*
REC3.5-xx05DRW/R*
REC3.5-xx12SRW/R*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com