Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPL115A2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPL115A2
Rev 6, 03/2010
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Pressure
Miniature I2C Digital Barometer
The MPL115A2 is an absolute pressure sensor with digital output for low cost
applications. A miniature 5 x 3 x 1.2 mm LGA package ideally suits it for portable
electronics and space constrained applications. Low current consumptions of
5
μA during Active mode and 1 μA during Shutdown (Sleep) mode target battery
and other low-power applications. A wide operating temperature range from -40°C
to +105°C fits demanding environmental requirements.
MPL115A2 employs a MEMS pressure sensor with a conditioning IC to provide
accurate pressure measurement from 50 to 115 kPa. An integrated ADC provides
digitized temperature and pressure sensor outputs via an I2C port. Calibration
Data is stored in internal ROM. Utilizing raw sensor output, the host
microcontroller executes a compensation algorithm to render Compensated
Absolute Pressure with 1 kPa accuracy.
The MPL115A2 pressure sensor’s small form factor, low power capability,
precision, and digital output optimize it for barometric measurement applications.
Features
• Digitized pressure and temperature information together with programmed
calibration coefficients for host micro use.
• Factory Calibrated
• 50 kPa to 115 kPa Absolute Pressure
• 1 kPa Accuracy
• 2.375 V to 5.5 V Supply
• Integrated ADC
•I2C Interface
• Monotonic Pressure and Temperature Data Outputs
• Surface Mount RoHS Compliant Package
ORDERING INFORMATION
Device Name
Package Options
Case No.
# of Ports
Pressure Type
Digital
Interface
None
Single
Dual
Gauge
Differential
Absolute
MPL115A2T1
Tape & Reel
2015
•
•
I2C
Pin Description
PIN
NAME
FUNCTION
1
VDD
VDD Power Supply Connection.
2
CAP
External Capacitor
3
GND
Ground
4
SHDN
Shutdown (Sleep): Connect to GND to disable the device.
5
RST
Reset: Drive line low to disable I2C communications.
6
NC
NC: No connection.
7SDA(1)
SDA: Serial data I/O line.
8SCL(1)
I2C Serial Clock Input.
1. Use 4.7k pull-up resistors for I2C communication.
MPL115A2
50 to 115 kPa
MPL115A2
5.0 mm X 3.0 mm X 1.2 mm MAX
LGA PACKAGE
1
NC
SDA
VDD
CAP
SHDN
GND
RST
SCL
2
3
4
8
7
6
5
PIN CONNECTIONS
Application Examples
• Barometry (portable and desk-top)
• Altimeters
• Weather Stations
• Hard Disk-Drives (HDD)
• Industrial Equipment
• Health Monitoring
• Air Control Systems


Similar Part No. - MPL115A2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
218Kb / 16P
Miniature I2C Digital Barometer
logo
NXP Semiconductors
MPL115A2 NXP-MPL115A2 Datasheet
2Mb / 24P
Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
MPL115A2 NXP-MPL115A2 Datasheet
419Kb / 22P
Miniature I2C digital barometer, 50 kPa to 115 kPa
Rev. 10.1 - 17 May 2024
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
944Kb / 2P
Digital barometric pressure sensor
REV 1
More results

Similar Description - MPL115A2

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
MINIATURE BAROMETER MODULE
logo
Freescale Semiconductor...
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
Miniature SPI Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1_13 Datasheet
331Kb / 16P
Miniature SPI Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
Miniature I2C Digital Barometer
logo
NXP Semiconductors
MPL115A1 NXP-MPL115A1 Datasheet
3Mb / 23P
Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
MPL115A2 NXP-MPL115A2 Datasheet
2Mb / 24P
Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
MPL115A1S NXP-MPL115A1S Datasheet
429Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.2 - 8 May 2023
logo
Vaisala
PTB330 VAISALA-PTB330 Datasheet
273Kb / 3P
BAROCAP Digital Barometer PTB330
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com