Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR03X Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPR03X
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03X Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPR03X Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
13
5.3
Filtered Data
Each electrode has an associated filtered output. This output is generated through register settings and a low pass filter
implementation (Section 8.4).
5.3.1
Filtered Data Low Register
The Filtered Data Low register contains the data on each of the electrodes. It is paired with the Filtered Data High register for
reading the 10 bit A/D value. The address of the ELE0 Filtered Data Low register is 0x02. The address of the ELE1 Filtered Data
Low register is 0x04. The address of the ELE2 Filtered Data Low register is 0x06.
Figure 18. Filtered Data Low Register
5.3.2
Filtered Data High Register
The Filtered Data High register contains the data on each of the electrodes. It is paired with the Filtered Data Low register for
reading the 10 bit A/D value. The address of the ELE0 Filtered Data High register is 0x03. The address of the ELE1 Filtered Data
High register is 0x05. The address of the ELE2 Filtered Data High register is 0x07.
Figure 19. Filtered Data High Register
7
6
543210
RFDLB
W
Reset:
0
0
000000
= Unimplemented
Table 7. Filtered Data Low Register Field Descriptions
Field
Description
7:0
FDLB
Filtered Data Low Byte – The Filtered Data Low Byte displays the lower 8 bits of
the 10 bit filtered A/D reading.
00000000 Encoding 0
~
11111111 Encoding 255
7
6
543210
R
0
0
0000
FDHB
W
Reset:
0
0
000000
= Unimplemented
Table 8. Filtered Data High Register Field Descriptions
Field
Description
7:0
FDHB
Filtered Data High Bits – The Filtered Data High Bits displays the higher 2 bits of
the 10 bit filtered A/D reading.
00 Encoding 0
~
11 Encoding 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com