Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR03X Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPR03X
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03X Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPR03X Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
17
The valid operating range of the electrode charging source is 0.7V to (VDD-.7)V. This means that for a given VDD the valid ADC
(voltage visible to the digital interface) range is given by
,
Equation 3
and
.
Equation 4
These equations are represented in the graph. In the nominal case of VDD = 1.8V the ADC range is shown below in Table 10.
Any ADC counts outside of the range shown are invalid and settings must be adjusted to be within this range. If capacitance
variation is of importance for an application after the current output, charge time and supply voltage are determined then the
following equations can be used. The valid range for capacitance is calculated by using the minimum and maximum ADC values
in the capacitance equation. Substituting the low and high ADC equations into the capacitance equation yields the equations for
the minimum and maximum capacitance values which are
and
.
Equation 5
7.3
Sensitivity
The sensitivity of the MPR03X is relative to the capacitance range being measured. Given the ADC value, current and time
settings capacitance can be calculated,
.
Equation 6
For a given capacitance the sensitivity can be measured by taking the derivative of this equation. The result of this is the
following equation, representing the change in capacitance per one ADC count, where the ADC in the equation represents the
current value.
Equation 7
This relationship is shown in the following graph by taking the midpoints off all possible ranges by varying the current and time
settings. The midpoint is assumed to be 512 for ADC and the nominal supply voltage of 1.8V is used.
Table 10.
VDD
ADChigh
ADClow
ADCmid
1.8
625.7778
398.2222
512
()
1024
7
.
DD
low
V
ADC
=
()()
1024
7
.
DD
DD
high
V
V
ADC
−
=
7
.
−
×
=
DD
low
V
T
I
C
7
.
T
I
C
high
×
=
ADC
V
T
I
C
DD ×
×
×
=
1024
2
1024
ADC
V
T
I
dADC
dC
DD ×
×
×
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com