Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR03X Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPR03X
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03X Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPR03X Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MPR03X
Sensors
18
Freescale Semiconductor
Figure 23.
Smaller amounts of change indicate increased sensitivity for the capacitance sensor. Some sample values are shown in Table 11.
In the above cases, the capacitance is assumed to be in the middle of the range for specific settings. Within the capacitance
range the equation is nonlinear, thus the sensitivity is best with the lowest capacitance. This graph shows the sensitivity derivative
reading across the valid range of capacitances for a set I, T, and VDD. For simple small electrodes (that are approximately
21 pF) and a nominal 1.8V supply the following graph is representative of this effect.
Figure 24.
Table 11.
pF
Sensitivity (pF/ADC count)
10
-0.01953
100
-0.19531
Sensitivity vs. Midpoint Capacitance for VDD =1.8 V
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
500
1000
1500
2000
2500
Midpoint Capacitance (pF)
dC/dADC @cmid (pF/1 ADC Count)
0
Sensitivity vs. Capacitance for VDD =1.8 Vand I=36 μA and T=.5 μS
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
10
12
14
16
18
20
22
24
26
28
30
Maximum
Minimum
C/ADC
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com