Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button VDIP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 13Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 14Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 15Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 16Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
12
Document Reference No.: FT_000016
VDIP1 Vinculum VNC1L Module Datasheet Version 1.01
Clearance No.: FTDI# 131
3.7 Signal Descriptions - Parallel FIFO Interface
The Parallel FIFO interface I/O pin description of the VNC1L device is shown in Table 3.8
Pin No.
Name
Type
Description
6
D0
I/O
FIFO Data Bus Bit 0
8
D1
I/O
FIFO Data Bus Bit 1
9
D2
I/O
FIFO Data Bus Bit 2
10
D3
I/O
FIFO Data Bus Bit 3
11
D4
I/O
FIFO Data Bus Bit 4
12
D5
I/O
FIFO Data Bus Bit 5
13
D6
I/O
FIFO Data Bus Bit 6
14
D7
I/O
FIFO Data Bus Bit 7
15
RXF#
OUTPUT
When high, do not read data from the FIFO. When low, there is data
available in the FIFO which can be read by stro bing RD# low, t hen
high again.
16
TXE#
OUTPUT
When high, do not write data into the FIFO. When low, data can be
written into the
FIFO by strobing WR high, then low.
17
RD#
INPUT
Enables the current
FIFO data byte on D0...D7 when low. Fetched the
next FIFO data byte (if avail- able) fro m the recei ve FIFO buffer w hen
RD# goes fro m high to low
19
WR
INPUT
Writes the data byte on the D0...D7 pins into the transmit FIFO buffer
when WR goes from high to low.
Table 3.8 - Default Interface I/O Pin Configuration Option – Paralle FIFO Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com