Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button VDIP1 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 13Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 14Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 15Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 16Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 17Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 18Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 19Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
15
Document Reference No.: FT_000016
VDIP1 Vinculum VNC1L Module Datasheet Version 1.01
Clearance No.: FTDI# 131
4 Firmware
4.1.1 Firmware Support
There are currently 6 standard firmware versions available for VDIP1 module which can be downloaded
from the FTDI website.
VDAP Firmware: USB Host for single Flash Disk and General Purpose USB peripherals. Selectable
UART, FIFO or SPI interface command monitor.
VDPS Firmware: USB Host for single Flash Disk and General Purpose USB peripherals. USB Slave
port connection for connecting to host PC. Selectable UART, FIFO or SPI interface command
monitor.
VDFC Firmware: USB Host for two Flash Disks, Selectable UART, FIFO or SPI interface command
monitor.
VCDC Firmware: USB Host for automatic connection to USB Communications Class Devices. UART
interface command monitor.
VDIF Firmware: USB Host for single Flash Disk and General Purpose USB peripherals. Selectable
UART, FIFO, SPI or USB interface command monitor.
4.1.2 Firmware Upgrades
The VDIP1 module is supplied pre-loaded with the VDAP firmware.
There are two methods of upgrading the firmware on the VDIP1. These methods are described in a
Vinculum Firmware manual please refer to:-
http://www.vinculum.com/documents/fwspecs/UM_VinculumFirmware_V205.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com