Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button VDIP1 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 13Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 14Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 15Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 16Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 17Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 18Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 19Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
14
Document Reference No.: FT_000016
VDIP1 Vinculum VNC1L Module Datasheet Version 1.01
Clearance No.: FTDI# 131
3.7.2 Timing Diagram - Parallel FIFO Write Transaction
When in parallel FIFO interface mode, the timing of a write operation is shown in Figure 3.7 and Table
3.10
Figure 3.7 - FIFO Write Cycle.
Time
Description
Min
Max
Unit
T7
WR Active Pulse Width
50
-
ns
T8
WR to WR Pre-Charge Time
50
-
ns
T9
WR Active to Valid Data
20
-
ns
T10
Data Hold Time from WR
Inactive*
0
-
ns
T11
WR Inactive to TXE#
5
25
ns
T12
TXE# Inactive After WR Cycle
80
-
ns
Table 3.10 - FIFO Write Cycle Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com