Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YEV09T03-R Datasheet(PDF) 7 Page - Power-One

Part # YEV09T03-R
Description  3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YEV09T03-R Datasheet(HTML) 7 Page - Power-One

Back Button YEV09T03-R Datasheet HTML 2Page - Power-One YEV09T03-R Datasheet HTML 3Page - Power-One YEV09T03-R Datasheet HTML 4Page - Power-One YEV09T03-R Datasheet HTML 5Page - Power-One YEV09T03-R Datasheet HTML 6Page - Power-One YEV09T03-R Datasheet HTML 7Page - Power-One YEV09T03-R Datasheet HTML 8Page - Power-One YEV09T03-R Datasheet HTML 9Page - Power-One YEV09T03-R Datasheet HTML 10Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
YEV09T03 3A DC-DC POL Converter
4.5V to 13.8V Input 0.59V to 5.1V Output
Data Sheet
ZD-01968 Rev 1.1, 25-Mar-09
www.power-one.com
Page 7 of 10
Figure 10.
Transient Response to Dynamic Load Change
from 40% to 80% of full load (Vin=12V,
Vo=2.5Vdc). Ch3 – Iout. Scale=0.2A/mVΩ
Figure 11.
Transient Response to Dynamic Load Change
from 40% to 80% of full load (Vin=12V,
Vo=3.3Vdc). Ch3 – Iout. Scale=0.2A/mVΩ
6.
Application Information
6.1
Input and Output Impedance
The POL converter should be connected to the DC
power source via low impedance.
In many
applications, the inductance associated with the
distribution from the power source to the input of the
converter can affect the stability of the converter.
Internally, the converter includes 4.7μF (low ESR
ceramics) of input capacitance which eliminates the
need for external input capacitance. However, if the
distribution of the input voltage to the POL converter
contains high inductance, it is recommended to add
a 100μF decoupling capacitor placed as close as
possible to the converter input pins.
A low-ESR
tantalum or POS capacitor connected across the
input pins help ensuring stability of the POL
converter and reduce input ripple voltage.
A 22μF ceramic output capacitor is recommended to
improve output ripple and dynamic response.
It is important to keep low resistance and low
inductance of PCB traces for connecting load to the
output pins of the converter in order to maintain good
load regulation.
6.2
Output Voltage Programming
The output voltage can be programmed from 0.59V
to 5.1V by connecting an external resistor RTRIM
between TRIM pin (Pin 5) and GND pin (Pin 3), as
shown in Figure 12.
Figure 12. Programming Output Voltage With A Resistor
The trim resistor RTRIM for a desired output voltage
can be calculated using the following equation:
,
591
.
0
182
.
1
OUT
TRIM
V
R
kΩ
VIN
GND
ON/OFF
VOUT
3
2
4
1
TRIM
5
Rload
RTRIM
YEV09T03



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com