Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YEV09T03-R Datasheet(PDF) 10 Page - Power-One

Part # YEV09T03-R
Description  3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YEV09T03-R Datasheet(HTML) 10 Page - Power-One

Back Button YEV09T03-R Datasheet HTML 2Page - Power-One YEV09T03-R Datasheet HTML 3Page - Power-One YEV09T03-R Datasheet HTML 4Page - Power-One YEV09T03-R Datasheet HTML 5Page - Power-One YEV09T03-R Datasheet HTML 6Page - Power-One YEV09T03-R Datasheet HTML 7Page - Power-One YEV09T03-R Datasheet HTML 8Page - Power-One YEV09T03-R Datasheet HTML 9Page - Power-One YEV09T03-R Datasheet HTML 10Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
YEV09T03 3A DC-DC POL Converter
4.5V to 13.8V Input 0.59V to 5.1V Output
Data Sheet
ZD-01968 Rev 1.1, 25-Mar-09
www.power-one.com
Page 10 of 10
10. Mechanical Drawings
All Dimensions are in inches
Tolerances:
X.XX:
0.02”
X.XXX:
0.01”
Figure 15. Mechanical Drawing
Figure 16. Recommended Footprint – Top View
Notes:
1. NUCLEAR AND MEDICAL APPLICATIONS -
Power-One products are not designed, intended for use in, or authorized for use as critical
components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written
consent of the respective divisional president of Power-One, Inc.
2. TECHNICAL REVISIONS -
The appearance of products, including safety agency certifications pictured on labels, may change depending on
the date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com