Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YEV09T03-R Datasheet(PDF) 9 Page - Power-One

Part # YEV09T03-R
Description  3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YEV09T03-R Datasheet(HTML) 9 Page - Power-One

Back Button YEV09T03-R Datasheet HTML 2Page - Power-One YEV09T03-R Datasheet HTML 3Page - Power-One YEV09T03-R Datasheet HTML 4Page - Power-One YEV09T03-R Datasheet HTML 5Page - Power-One YEV09T03-R Datasheet HTML 6Page - Power-One YEV09T03-R Datasheet HTML 7Page - Power-One YEV09T03-R Datasheet HTML 8Page - Power-One YEV09T03-R Datasheet HTML 9Page - Power-One YEV09T03-R Datasheet HTML 10Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
YEV09T03 3A DC-DC POL Converter
4.5V to 13.8V Input 0.59V to 5.1V Output
Data Sheet
ZD-01968 Rev 1.1, 25-Mar-09
www.power-one.com
Page 9 of 10
provided to protect the converter from catastrophic
failure. Refer to the “Input Fuse Selection for DC/DC
converters” application note on www.power-one.com
for proper selection of the input fuse. Both input
traces and the chassis ground trace (if applicable)
must be capable of conducting a current of 1.5 times
the value of the fuse without opening.
To comply with safety agencies’ requirements, a
recognized fuse must be used in series with the input
line. The fuse must not be placed in the grounded
input line. Abnormal and component failure tests
were conducted with the POL input protected by a
fast-acting 25A fuse. If a fuse rated greater than 25A
is used, additional testing may be required.
The maximum DC voltage between any two pins is
Vin under all operating conditions. In order for the
output of the YEV09T03 POL converter to be
considered as SELV (Safety Extra Low Voltage),
according to all IEC60950 based standards, the input
to the POL needs to be supplied by an isolated
secondary source providing a SELV also.
9.
Pin Assignments and Description
Pin
Name
Pin
Number
Pin
Type
Buffer
Type
Pin Description
Notes
ON/OFF
1
I
PU
Enable
Pull high to turn ON the POL
VIN
2
P
Input Voltage
GND
3
P
Power Ground
VOUT
4
P
Output Voltage
TRIM
5
I
A
Output Voltage Trim
Connect a high accuracy resistor between TRIM
and GMD pins to set the output voltage
Legend: I=input, O=output, I/O=input/output, P=power, A=analog, PU=internal pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com