Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3D-75 Datasheet(PDF) 13 Page - Numonyx B.V

Part # JS28F320J3D-75
Description  Numonyx??Embedded Flash Memory (J3 v. D)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3D-75 Datasheet(HTML) 13 Page - Numonyx B.V

Back Button JS28F320J3D-75 Datasheet HTML 9Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 10Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 11Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 12Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 13Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 14Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 15Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 16Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
November 2007
Datasheet
308551-05
13
Numonyx™ Embedded Flash Memory (J3 v. D)
3.2
Easy BGA Package (32, 64, 128 and 256 Mbit)
Lead Count
N
56
56
Lead Tip Angle
q
0°
3°
5°
0°
3°
5°
Seating Plane Coplanarity
Y
0.100
0.004
Lead to Package Offset
Z
0.150
0.250
0.350
0.006
0.010
0.014
Table 1:
56-Lead TSOP Dimension Table
Parameter
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
Figure 5: Easy BGA Mechanical Specifications
2
Ball A1
Corner
8
7
6
5
4
3
2
1
1
2
3
4
5
6
7
8
E
A
B
C
D
E
F
G
H
Seating
Plane
S
1
S
e
b
Top View - Plastic Backside
Complete Ink Mark Not Shown
Bottom View - Ball Side Up
Y
A
A1
D
A
B
C
D
E
F
G
H
Ball A1
Corner
A2
Table 2:
Easy BGA Package Dimensions Table (Sheet 1 of 2)
Parameter
Symb
ol
Millimeters
Inches
Min
Nom
Max
Note
s
Min
Nom
Max
Package Height (32, 64, 128- Mbit)
A
1.200
0.0472
Package Height (256- Mbit)
A
1.300
0.0512
Ball Height
A1
0.250
0.0098
Package Body Thickness (32, 64, 128- Mbit)
A2
0.780
0.0307



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com