Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3D-75 Datasheet(PDF) 17 Page - Numonyx B.V

Part # JS28F320J3D-75
Description  Numonyx??Embedded Flash Memory (J3 v. D)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3D-75 Datasheet(HTML) 17 Page - Numonyx B.V

Back Button JS28F320J3D-75 Datasheet HTML 13Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 14Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 15Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 16Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 17Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 18Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 19Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 20Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 21Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
November 2007
Datasheet
308551-05
17
Numonyx™ Embedded Flash Memory (J3 v. D)
4.2
56-Lead TSOP Package Pinout (32/64/128 Mbit)
Notes:
1.
A22 exists on 64- and 128- densities. On 32-Mbit density this signal is a no-connect (NC).
2.
A23 exists on 128-Mbit densities. On 32- and 64-Mbit densities this signal is a no-connect (NC)
4.3
Signal Descriptions
Table 3 lists the active signals used on Numonyx™ Embedded Flash Memory (J3 v. D)
and provides a description of each.
Figure 8: 56-Lead TSOP Package Pinout (32/64/128 Mbit)
1
3
4
2
5
7
8
6
9
11
12
10
13
15
16
14
17
19
20
18
21
23
24
22
25
27
28
26
56
54
53
55
52
50
49
51
48
46
45
47
44
42
41
43
40
38
37
39
36
34
33
35
32
30
29
31
A
22
A
21
A
20
CE
1
A
19
A
17
A
16
A
18
V
CC
A
14
A
13
A
15
A
12
V
PEN
RP#
CE
0
A
11
A
9
A
8
A
10
GND
A
6
A
5
A
7
A
4
A
2
A
1
A
3
RFU
OE#
STS
WE#
DQ
15
DQ
14
DQ
6
DQ
7
GND
DQ
5
DQ
12
DQ
13
DQ
4
GND
DQ
11
V
CCQ
DQ
3
DQ
2
V
CC
DQ
10
DQ
9
DQ
8
DQ
0
DQ
1
A
0
A
23
CE
2
BYTE#
Intel® Embedded Flash Memory
(28FXXXJ3D)
56-Lead TSOP
Standard Pinout
14 mm x 20 mm
Top View
32/64/128 Mbit
Table 3:
Signal Descriptions for Numonyx™ Embedded Flash Memory (J3 v. D) (Sheet 1
of 2)
Symbol
Type
Name and Function
A0
Input
BYTE-SELECT ADDRESS: Selects between high and low byte when the device is in x8 mode. This
address is latched during a x8 program cycle. Not used in x16 mode (i.e., the A0 input buffer is
turned off when BYTE# is high).
A[MAX:1]
Input
ADDRESS INPUTS: Inputs for addresses during read and program operations. Addresses are
internally latched during a program cycle:
32-Mbit — A[21:1]
64-Mbit— A[22:1]
128-Mbit — A[23:1]
256-Mbit — A[24:1] A24 acts as a virtual CE for the two devices. A24 at VIL selects the lower die
and A24 at VIH selects the upper die.
D[7:0]
Input/
Output
LOW-BYTE DATA BUS: Inputs data during buffer writes and programming, and inputs commands
during CUI writes. Outputs array, CFI, identifier, or status data in the appropriate read mode. Data
is internally latched during write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com