Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3D-75 Datasheet(PDF) 21 Page - Numonyx B.V

Part # JS28F320J3D-75
Description  Numonyx??Embedded Flash Memory (J3 v. D)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3D-75 Datasheet(HTML) 21 Page - Numonyx B.V

Back Button JS28F320J3D-75 Datasheet HTML 17Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 18Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 19Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 20Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 21Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 22Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 23Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 24Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
November 2007
Datasheet
308551-05
21
Numonyx™ Embedded Flash Memory (J3 v. D)
6.0
Electrical Characteristics
6.1
DC Current Specifications
Table 7:
DC Current Characteristics
VCCQ
2.7 - 3.6V
Test Conditions
Notes
VCC
2.7 - 3.6V
Symbol
Parameter
Typ
Max
Unit
ILI
Input and VPEN Load Current
±1
μA
VCC = VCC Max; VCCQ = VCCQ Max
VIN = VCCQ or VSS
1
ILO
Output Leakage Current
±10
μA
VCC= VCC Max; VCCQ = VCCQ Max
VIN = VCCQ or VSS
1
ICCS
VCC Standby Current
32, 64, 128 Mbit
50
120
μA
CMOS Inputs, VCC = VCC Max; Vccq =
VccqMax
Device is disabled RP# = VCCQ ± 0.2 V
1,2,3
256 Mbit
100
240
32, 64, 128 Mbit
0.71
2
mA
TTL Inputs, VCC = VCC Max,
Vccq = VccqMax
Device is disabled, RP# = VIH
256 Mbit
1.42
4
ICCD
VCC Power-Down Current
50
120
μA
RP# = GND ± 0.2 V, IOUT (STS) = 0 mA
ICCR
VCC Page Mode Read Current
4-Word
Page
15
20
mA
CMOS Inputs, VCC = VCC Max, VCCQ = VCCQ
Max
Device is enabled f = 5 MHz, IOUT = 0 mA
1,3
24
29
mA
CMOS Inputs,VCC = VCC Max, VCCQ = VCCQ
Max
Device is enabled f = 33 MHz, IOUT = 0 mA
8-Word Page
10
15
mA
CMOS Inputs, VCC = VCC Max, VCCQ = VCCQ
Max using standard 8 word page mode
reads.
Device is enabled f = 5 MHz, IOUT = 0 mA
30
54
mA
CMOS Inputs,VCC = VCC Max, VCCQ = VCCQ
Max using standard 8 word page mode
reads.
Device is enabled f = 33 MHz, IOUT = 0 mA
ICCW
VCC Program or Set
Lock-Bit Current
35
60
mA
CMOS Inputs, VPEN = VCC
1,4
40
70
mA
TTL Inputs, VPEN = VCC
ICCE
VCC Block Erase or
Clear Block Lock-Bits
Current
35
70
mA
CMOS Inputs, VPEN = VCC
1,4
40
80
mA
TTL Inputs, VPEN = VCC
ICCWS
ICCES
VCC Program
Suspend or Block
Erase Suspend
Current
10
mA
Device is enabled
1,5
Notes:
1.
All currents are in RMS unless otherwise noted. These currents are valid for all product versions (packages and
speeds). Contact Numonyx’s Application Support Hotline or your local sales office for information about typical
specifications.
2.
Includes STS.
3.
CMOS inputs are either VCC ± 0.2 V or GND ± 0.2 V. TTL inputs are either VIL or VIH.
4.
Sampled, not 100% tested.
5.
ICCWS and ICCES are specified with the device selected. If the device is read or written while in erase suspend
mode, the device’s current draw is ICCR and ICCWS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com