Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VO0600T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VO0600T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO0600T Datasheet(HTML) 5 Page - Vishay Siliconix

  VO0600T Datasheet HTML 1Page - Vishay Siliconix VO0600T Datasheet HTML 2Page - Vishay Siliconix VO0600T Datasheet HTML 3Page - Vishay Siliconix VO0600T Datasheet HTML 4Page - Vishay Siliconix VO0600T Datasheet HTML 5Page - Vishay Siliconix VO0600T Datasheet HTML 6Page - Vishay Siliconix VO0600T Datasheet HTML 7Page - Vishay Siliconix VO0600T Datasheet HTML 8Page - Vishay Siliconix VO0600T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 84607
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.7, 06-Oct-08
917
VO0600T, VO0601T, VO0611T, VO0630T, VO0631T, VO0661T
High Speed Optocoupler,
10 MBd, SOIC-8 Package
Vishay Semiconductors
Fig. 4 - Single Channel Test Circuit for Common Mode Transient Immunity
Fig. 5 - Dual Channel Test Circuit for Common Mode Transient Immunity
Note
As per IEC 60747-5-2, 7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of prodective circuits.
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
6000
V
VIORM
560
V
PSO
350
mW
ISI
150
mA
TSI
165
°C
Creepage
4mm
Clearance
4mm
Insulation thickness
0.2
mm
V
CM (PEAK)
Switch AT A: IF
Switch AT A:
V
O
(min.
V
O
(max.)
0 V
5 V
V
CM
V
O
VO 0.5 V
CM
H
CML
1
2
3
4
8
7
6
5
18976-2
GND
0.1 µF
bypass
V
CC
VOUT
VCC
R
L
Output VO
monitoring
node
+
-
V
CM
Single channel
B
A
V
FF
I
F
Pulse generator
Z = 50
Ω
O
VE
)
= 0 mA
IF = 7.5 mA
1
2
3
4
8
7
6
5
18977-1
GND
0.1 µF
bypass
V
CC
R
L Output VO
monitoring
node
+
-
V
CM
B
A
V
FF
I
F
Pulse generator
Z
= 50
Ω
O
Dual channel
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com