Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VO0600T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VO0600T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO0600T Datasheet(HTML) 4 Page - Vishay Siliconix

  VO0600T Datasheet HTML 1Page - Vishay Siliconix VO0600T Datasheet HTML 2Page - Vishay Siliconix VO0600T Datasheet HTML 3Page - Vishay Siliconix VO0600T Datasheet HTML 4Page - Vishay Siliconix VO0600T Datasheet HTML 5Page - Vishay Siliconix VO0600T Datasheet HTML 6Page - Vishay Siliconix VO0600T Datasheet HTML 7Page - Vishay Siliconix VO0600T Datasheet HTML 8Page - Vishay Siliconix VO0600T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 84607
916
Rev. 1.7, 06-Oct-08
VO0600T, VO0601T, VO0611T, VO0630T, VO0631T, VO0661T
Vishay Semiconductors
High Speed Optocoupler,
10 MBd, SOIC-8 Package
Fig. 2 - Dual Channel Test Circuit for tPLH, tPHL, tr and tf
Fig. 3 - Single Channel Test Circuit for tEHL, tELH
Notes
(1) For VO0600T and VO0630T
(2) For VO0601T and VO0631T
(3) For VO0611T and VO0661T
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode transient immunity
(high)
|VCM| = 10 V, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C(1)
|CMH|
100
V/µs
|VCM| = 50 V, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C(2)
|CMH|
5000
10000
V/µs
|VCM| = 1 kV, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C(3)
|CMH|
15000
25000
V/µs
Common mode transient immunity
(low)
|VCM| = 10 V, VCC = 5 V, IF = 7.5 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C(1)
|CML|
100
V/µs
|VCM| = 50 V, VCC = 5 V, IF = 7.5 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C(2)
|CML|
5000
10000
V/µs
|VCM| = 1 kV, VCC = 5 V, IF = 7.5 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C(3)
|CML|
15000
25000
V/µs
1
2
3
4
Pulse gen.
Z = 50
Ω
t= t = 5 ns
o
f
r
Input
monitoring
node
Output V
monitoring
node
O
I
F
R
M
RL
C
L
= 15 PF
0.1 µF
bypass
18963-3
VCC
8
7
6
5
1
2
3
4
8
7
6
5
18975-2
The probe and Jig capacitances are included in C
Input VE
Output VO
tEHL
tELH
C = 15 pF
GND
0.1 µF
bypass
VCC
VOUT
VCC
IF
RL
Output VO
monitoring
node
L
Single channel
Pulse gen.
Z = 50
Ω
t= t = 5 ns
o
f
r
L
7.5 mA
Input V
monitoring node
E
3 V
1.5 V
1.5 V
VE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com