Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VO0600T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VO0600T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO0600T Datasheet(HTML) 1 Page - Vishay Siliconix

  VO0600T Datasheet HTML 1Page - Vishay Siliconix VO0600T Datasheet HTML 2Page - Vishay Siliconix VO0600T Datasheet HTML 3Page - Vishay Siliconix VO0600T Datasheet HTML 4Page - Vishay Siliconix VO0600T Datasheet HTML 5Page - Vishay Siliconix VO0600T Datasheet HTML 6Page - Vishay Siliconix VO0600T Datasheet HTML 7Page - Vishay Siliconix VO0600T Datasheet HTML 8Page - Vishay Siliconix VO0600T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 84607
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.7, 06-Oct-08
913
High Speed Optocoupler,
10 MBd, SOIC-8 Package
VO0600T, VO0601T, VO0611T, VO0630T, VO0631T, VO0661T
Vishay Semiconductors
DESCRIPTION
The VO06xxT family are single and dual channel 10 MBd
optocoupler utilizing a high efficient input LED coupled with
an integrated optical photodiode IC detector. The detector
has an open drain NMOS-transister output, providing less
leakage compared to an open collector Schottky clamped
transister output. For the single channel type, an enable
function on pin 7 allows the detector to be strobed. The
internal shield provides a guaranteed common mode
transient immunity of 5 kV/µs for the VO0601T and VO0631T
and 15 kV/µs for the VO0611T and VO0661T. The use of a
0.1 µF bypass capacitor connected between pin 5 and 8 is
recommended.
AGENCY APPROVALS
• UL1577, file no. E52744
• CUL-file no. E52744, equivalent to CSA bulletin 5A
• DIN EN 60747-5-5 (VDE 0884) available with option 1
FEATURES
• Choice of CMR performance of 15 kV/µs,
5 kV/µs, and 100 V/µs
• High speed: 10 MBd typical
• + 5 V CMOS compatibility
• Pure tin leads
• Guaranteed AC and DC performance over
temperature: - 40 °C to + 100 °C temp. range
• Meets IEC 60068-2-42 (SO2) and IEC 60068-2-43 (H2S)
requirements
• Low input current capability: 5 mA
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• Microprocessor systemM interface
• PLC, ATE input/output isolation
• Computer peripheral interface: SPI
• Digital fieldbus isolation: CC-Link, DeviceNet, profibus,
SDS
• High speed A/D and D/A conversion
• AC plasma display panel level shifting
• Multiplexed data transmission
• Digital control power supply
• Ground loop elimination
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
NC
A
C
NC
VCC
VE
VO
GND
A1
C1
C2
A2
VCC
VO1
VO2
GND
Single channel
Dual channel
VO0600T, VO0601T, VO0611T
18921-17
VO0630T, VO0631T, VO0661T
ORDER INFORMATION
PART
REMARKS
VO0600T
100 V/µs, single channel, SOIC-8
VO0601T
5 kV/µs, single channel, SOIC-8
VO0611T
15 kV/µs, single channel, SOIC-8
VO0630T
100 V/µs, dual channel, SOIC-8
VO0631T
5 kV/µs, dual channel, SOIC-8
VO0661T
15 kV/µs, dual channel, SOIC-8
TRUTH TABLE (positive logic)
LED
OUTPUT
ON
L
OFF
H


Similar Part No. - VO0600T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
14-Mar-08
VO0600T VISHAY-VO0600T Datasheet
156Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8
25-Oct-12
VO0600T VISHAY-VO0600T Datasheet
153Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
25-Oct-12
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8
25-Oct-12
More results

Similar Description - VO0600T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
High Speed Optocoupler, 5 MBd, in SOIC-8 Package
27-Apr-04
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
High Speed Optocoupler, 10 MBd SOIC-8 Package
26-Jun-06
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
14-Mar-08
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
High Speed Optocoupler, 5 MBd, in SOIC-8 Package
19-Apr-07
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
06-Oct-08
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
High Speed Optocoupler, 10 MBd SOIC-8 Package
24-Nov-04
SFH6747 VISHAY-SFH6747 Datasheet
165Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
26-Aug-13
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8
25-Oct-12
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
26-Aug-13
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
25-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com