Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-SMT-1 Datasheet(PDF) 5 Page - Hirose Electric

Part # W.FL-R-SMT-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-SMT-1 Datasheet(HTML) 5 Page - Hirose Electric

  W.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
W.FL SeriesqUltra Small Surface Mount Coaxial Connectors – 1.4mm Mated Height
( Ø15
40
( 100 )
)
Part No.
W.FL-LP-N
CL No.
RoHS
331-0492-0
YES
sPlug Extraction Tool
sConversion Adapters
q SMA Conversion Adapter (W.FL side jack – SMA side plug)
Note:Used for performance measurements only.
The W.FL mating side has lower retention
force than the regular product when mated to
the corresponding part.
q SMA Conversion Adapter (W.FL side plug – SMA side jack)
Note:Used for performance measurements only.
The W.FL mating side has lower retention
force than the regular product when mated to
the corresponding part.
q SMA Conversion Adapter
Note:When mating with corresponding part (W.FL-
R-SMT-1) it must be pressed down and held
to make complete connection.
5.5
(4 )
( 18.35
)
6
1/4-36UNS-2A
Part No.
HRMJ-W.FLP-ST1(40)
CL No.
RoHS
311-0386-8-40
YES
1/4-36UNS-2A
6
( 4.05 )
13.8
5.6
SMA
W.FL
8HEX
W.FL
SMA
(10.3)
YES
Part No.
HRMP-W.FLJ(40)
CL No.
311-0367-3-40
RoHS
YES
Part No.
HRMJ-W.FLP(40)
CL No.
311-0368-6-40
RoHS
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com