Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-SMT-1 Datasheet(PDF) 4 Page - Hirose Electric

Part # W.FL-R-SMT-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-SMT-1 Datasheet(HTML) 4 Page - Hirose Electric

  W.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
W.FL SeriesqUltra Small Surface Mount Coaxial Connectors – 1.4mm Mated Height
4
sPlug Assembly (Plug)
Plugs can be ordered only as terminated cable assemblies.
2.85
sHow to Specify Plug Cable Assembly
Single-ended cable assembly
Double-ended cable assembly
All dimensions: mm
--
--
--
-- (L)
A
T
[[ ]]
04N
2LP
W.FL
1
2
3
4
5
qOrdering Information
qStandard tolerances for (L) (Note 2)
Series name
W.FL
Assembly type
LP
: Single ended
2LP : Double ended
Cable type
04N : Dia. 0.81mm ultra-fine coaxial cable
Cable color
1: White, 2: Black
Total length (mm)
Length (L)
1
2
3
4
5
(L)
Standard Tolerance
L=35mm to 200mm
±4mm (Note 1)
L=200mm to 500mm
±8mm
L=500mm to 1000mm
±12mm
L= Longer than 1000mm
±1.5% of (L)
Note1:Minimum available length (L) is 35mm
Note2:Contact nearest HRS representative if different
tolerances are required.
Note3:Contact Nearest HRS representative if one end
requires preparation.
Description
Part No. of Cable Assembly
W.FL-2LP-04N1T-A-(L)
Dia. 0.81mm double ended coaxial cable, color: white
RoHS
YES
L
L
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com