Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-SMT-1 Datasheet(PDF) 3 Page - Hirose Electric

Part # W.FL-R-SMT-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-SMT-1 Datasheet(HTML) 3 Page - Hirose Electric

  W.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
W.FL SeriesqUltra Small Surface Mount Coaxial Connectors – 1.4mm Mated Height
sReceptacle
Note : Receptacles of (10) specification are sold by the reel
(2,000 pieces).
Order by reel.
0.3
0.85
0.25
0.3
2
1.7
SIG
GND
BRecommended PCB
mounting pattern
GND
No conductive traces in this area
2.6
1.4
0.5
SIG
Part Number
CL No.
Packaging
CL331-0482-6-10
CL331-0482-6-40
Reel (2000 pieces/reel)
Reel (5000 pieces/reel)
W.FL-R-SMT-1(10)
W.FL-R-SMT-1(40)
Weight / EA
RoHS
5.6 mg
YES
All dimensions: mm
BPackaging Specifications
4
2
8
Center contact terminal
Unreeling direction
W.FL-R-SMT-1(10):
Reel material: Corrugated board
W.FL-R-SMT-1(40):
Reel material: Plastic
1.8
14
Ø13
Ø21
14
1.8
Ø13
Ø21
Embossed Carrier Tape Dimensions
Reel Dimensions
All dimensions: mm
Recommended screen thickness: 0.1mm to 0.12mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com