Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV612AIST Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSV612AIST
Description  Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV612AIST Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSV612AIST Datasheet HTML 5Page - STMicroelectronics TSV612AIST Datasheet HTML 6Page - STMicroelectronics TSV612AIST Datasheet HTML 7Page - STMicroelectronics TSV612AIST Datasheet HTML 8Page - STMicroelectronics TSV612AIST Datasheet HTML 9Page - STMicroelectronics TSV612AIST Datasheet HTML 10Page - STMicroelectronics TSV612AIST Datasheet HTML 11Page - STMicroelectronics TSV612AIST Datasheet HTML 12Page - STMicroelectronics TSV612AIST Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TSV611, TSV611A, TSV612, TSV612A
Electrical characteristics
Doc ID 15768 Rev 2
9/19
Figure 11.
Slew rate vs. supply voltage
Figure 12.
Noise vs. frequency at Vcc = 5 V
V
CC
=5V
T=25
°C
Vicm=4.5V
Vicm=2.5V
Frequency (Hz)
Figure 13.
Distortion + noise vs. frequency
Figure 14.
Distortion + noise vs. output
voltage
10
100
1000
10000
0.01
0.1
1
Vcc=1.5V
Rl=100k
Ω
Ω
Ω
Vcc=1.5V
Rl=10k
Ω
f=1kHz
Gain=1
BW=22kHz
Vicm=Vcc/2
Vcc=1.5V
Rl=10kohms
Vcc=5.5V
Rl=10kohms
Vcc=1.5V
Rl=100kohms
Vcc=5.5V
Rl=100kohms
Output Voltage (Vpp)
Figure 15.
Voltage gain and phase vs.
frequency at VCC = 1.8 V (based on
simulation results)
Figure 16.
Voltage gain and phase vs.
frequency at VCC = 5 V (based on
simulation results)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com