Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV612AIST Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV612AIST
Description  Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV612AIST Datasheet(HTML) 1 Page - STMicroelectronics

  TSV612AIST Datasheet HTML 1Page - STMicroelectronics TSV612AIST Datasheet HTML 2Page - STMicroelectronics TSV612AIST Datasheet HTML 3Page - STMicroelectronics TSV612AIST Datasheet HTML 4Page - STMicroelectronics TSV612AIST Datasheet HTML 5Page - STMicroelectronics TSV612AIST Datasheet HTML 6Page - STMicroelectronics TSV612AIST Datasheet HTML 7Page - STMicroelectronics TSV612AIST Datasheet HTML 8Page - STMicroelectronics TSV612AIST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2010
Doc ID 15768 Rev 2
1/19
19
TSV611, TSV611A, TSV612, TSV612A
Rail-to-rail input/output 10 µA, 120 kHz
CMOS operational amplifiers
Features
■ Rail-to-rail input and output
■ Low power consumption: 10 µA typ at 5 V
■ Low supply voltage: 1.5 to 5.5 V
■ Gain bandwidth product: 120 kHz typ
■ Unity gain stable
■ Low input offset voltage: 800 µV max (A
version)
■ Low input bias current: 1 pA typ
■ Temperature range: -40 to +85° C
Applications
■ Battery-powered applications
■ Smoke detectors
■ Proximity sensors
■ Portable devices
■ Signal conditioning
■ Active filtering
■ Medical instrumentation
Description
The TSV61x family of single and dual operational
amplifiers offers low voltage, low power operation
and rail-to-rail input and output.
The devices also feature an ultra-low input bias
current as well as a low input offset voltage.
The TSV61x have a gain bandwidth product of
120 kHz while consuming only 10 µA at 5 V.
These features make the TSV61x family ideal for
sensor interfaces, battery supplied and portable
applications, as well as active filtering.
SOT23-5/SC70-5
MiniSO-8/SO-8
TSV612IST - TSV612ID/DT
TSV611ILT - TSV611ICT
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
V
CC-
In+
In-
Out
1
2
3
5
4
+
_
V
CC+
V
CC-
In+
In-
Out
1
2
3
5
4
+
_
V
CC+
www.st.com


Similar Part No. - TSV612AIST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV612AIST STMICROELECTRONICS-TSV612AIST Datasheet
264Kb / 16P
Rail-to-rail input/output 11 μA, 120 kHz CMOS operational amplifiers
28-May-2009
More results

Similar Description - TSV612AIST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
logo
STMicroelectronics
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
Rail-to-rail input/output 11 μA, 120 kHz CMOS operational amplifiers
28-May-2009
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
15-Jun-2009
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com