Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV612AIST Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSV612AIST
Description  Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV612AIST Datasheet(HTML) 4 Page - STMicroelectronics

  TSV612AIST Datasheet HTML 1Page - STMicroelectronics TSV612AIST Datasheet HTML 2Page - STMicroelectronics TSV612AIST Datasheet HTML 3Page - STMicroelectronics TSV612AIST Datasheet HTML 4Page - STMicroelectronics TSV612AIST Datasheet HTML 5Page - STMicroelectronics TSV612AIST Datasheet HTML 6Page - STMicroelectronics TSV612AIST Datasheet HTML 7Page - STMicroelectronics TSV612AIST Datasheet HTML 8Page - STMicroelectronics TSV612AIST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
TSV611, TSV611A, TSV612, TSV612A
4/19
Doc ID 15768 Rev 2
en
Equivalent input noise
voltage
f = 1 kHz
110
THD+N
Total harmonic distortion +
noise
Fin = 1 kHz, Av = 1,
Vout = 1 Vpp, RL = 100 kΩ,
BW = 22 kHz
0.07
%
1.
Guaranteed by design.
Table 3.
Electrical characteristics at VCC+ = +1.8 V
with VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, and RL connected to VCC/2
(unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com