Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA56004X
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004X Datasheet(HTML) 2 Page - NXP Semiconductors

  SA56004X Datasheet HTML 1Page - NXP Semiconductors SA56004X Datasheet HTML 2Page - NXP Semiconductors SA56004X Datasheet HTML 3Page - NXP Semiconductors SA56004X Datasheet HTML 4Page - NXP Semiconductors SA56004X Datasheet HTML 5Page - NXP Semiconductors SA56004X Datasheet HTML 6Page - NXP Semiconductors SA56004X Datasheet HTML 7Page - NXP Semiconductors SA56004X Datasheet HTML 8Page - NXP Semiconductors SA56004X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
2 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
3.
Applications
I System thermal management in laptops, desktops, servers and workstations
I Computers and office electronic equipment
I Electronic test equipment and instrumentation
I HVAC
I Industrial controllers and embedded systems
4.
Ordering information
[1]
There are 8 device slave address options, as described in Table 2.
4.1 Ordering options
Table 1.
Ordering information
Type number[1]
Package
Name
Description
Version
SA56004AD
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
SA56004BD
SA56004CD
SA56004DD
SA56004ED
SA56004FD
SA56004GD
SA56004HD
SA56004ADP
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
SA56004BDP
SA56004CDP
SA56004DDP
SA56004EDP
SA56004FDP
SA56004GDP
SA56004HDP
SA56004ATK
HVSON8
plastic thermal enhanced very thin small outline package; no leads;
8 terminals; body 3
× 3 × 0.85 mm
SOT782-1
SA56004ETK
SA56004FTK
Table 2.
Ordering options
Type number
Topside mark
Device slave address[1]
SA56004AD
56004A
1001 000
SA56004ADP
6004A
SA56004ATK
6004A
SA56004BD
56004B
1001 001
SA56004BDP
6004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com