Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004X Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA56004X
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004X Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA56004X Datasheet HTML 9Page - NXP Semiconductors SA56004X Datasheet HTML 10Page - NXP Semiconductors SA56004X Datasheet HTML 11Page - NXP Semiconductors SA56004X Datasheet HTML 12Page - NXP Semiconductors SA56004X Datasheet HTML 13Page - NXP Semiconductors SA56004X Datasheet HTML 14Page - NXP Semiconductors SA56004X Datasheet HTML 15Page - NXP Semiconductors SA56004X Datasheet HTML 16Page - NXP Semiconductors SA56004X Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
13 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
The following events summarize the ALERT output interrupt mode of operation:
Event A: Master senses ALERT output being active-LOW.
Event B: Master reads the SA56004X Status register to determine what cause the
ALERT interrupt.
Event C: SA56004X clears the Status register, resets the ALERT output HIGH, and sets
the ALERT mask bit 7 in the Configuration register.
Event D: A new conversion result indicates the temperature is still above the high limit,
however the ALERT pin is not activated due to the ALERT mask.
Event E: Master should correct the conditions that caused the ALERT output to be
triggered. For instance, the fan is started, setpoint levels are adjusted.
Event F: Master resets the ALERT mask bit 7 in the Configuration register.
7.9.1.3
ALERT output in SMBus ALERT mode
When several slave devices share a common interrupt line, an SMBus alert line is
implemented. The SA56004X is designed to accommodate the Alert interrupt detection
capability of the SMBus 2.0 Alert Response Address (ARA) protocol, defined in
SMBus
specification 2.0. This procedure is designed to assist the master in resolving which slave
device generated the interrupt and in servicing the interrupt while minimizing the time to
restore the system to its proper operation. Basically, the SMBus provides Alert response
interrupt pointers in order to identify slave devices which have caused the Alert interrupt.
When the ARA command is received by all devices on the SMBus, the devices pulling the
SMBus alert line LOW send their device addresses to the master; await an
acknowledgement and then release the alert line. This requirement to disengage the
SMBus alert line prevents locking up the alert line. The SA56004X complies with this ARA
disengagement protocol by setting the ALERT mask bit 7 in the Configuration register at
address 09h after successfully sending out its address in response to an ARA command
and releasing the ALERT output. Once the mask bit is activated, the ALERT output will be
disabled until enabled by software. In order to enable the ALERT the master must read the
Fig 5.
ALERT output in interrupt mode
remote temperature high limit
remote diode temperature
ALERT pin
status register bit 4
(RHIGH)
A
B, C
D
E, F
002aad216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com