Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004X Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SA56004X
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004X Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SA56004X Datasheet HTML 17Page - NXP Semiconductors SA56004X Datasheet HTML 18Page - NXP Semiconductors SA56004X Datasheet HTML 19Page - NXP Semiconductors SA56004X Datasheet HTML 20Page - NXP Semiconductors SA56004X Datasheet HTML 21Page - NXP Semiconductors SA56004X Datasheet HTML 22Page - NXP Semiconductors SA56004X Datasheet HTML 23Page - NXP Semiconductors SA56004X Datasheet HTML 24Page - NXP Semiconductors SA56004X Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
21 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
9.
Limiting values
[1]
The D+ and D
− pins are 1000 V HBM and 100 V MM due to the higher sensitivity of the analog pins that introduces a limitation to the
circuit protection structure.
Table 17.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
All voltages are referenced to GND.
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.3
+6
V
voltage at SDATA, SCLK, ALERT, T_CRIT
−0.3
+6
V
VD+
voltage at positive diode input
−0.3
VDD + 0.3
V
VD−
voltage at negative diode input
−0.3
+0.8
V
Isink
sink current
SDATA, SCLK, ALERT, T_CRIT
−1
+50
mA
ID+
D+ input current
−1+1
mA
Vesd
electrostatic discharge voltage
Human Body Model
[1] -
2000
V
Machine Model
[1] -
200
V
Tj(max)
maximum junction temperature
-
+150
°C
Tstg
storage temperature
−65
+165
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com