Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700IPW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC18IM700IPW
Description  Master I2C-bus controller with UART interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM700IPW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC18IM700IPW Datasheet HTML 9Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 10Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 11Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 12Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 13Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 14Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 15Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 16Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SC18IM700_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 August 2007
13 of 22
NXP Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
Remark: The numbers used in the formulas are in decimal, but the numbers to program
I2CClkH and I2CClkL are in hex.
9.2.6 I2C-bus time-out (I2CTO)
The time-out register is used to determine the maximum time that SCL is allowed to be
LOW before the I2C-bus state machine is reset.
When the I2C-bus interface is running, I2CTO is loaded after each I2C-bus state transition.
The least significant bit of I2CTO (TE bit) is used as a time-out enable/disable. A logic 1
will enable the time-out function. The time-out period can be calculated as follows:
The time-out value may vary, and it is an approximate value.
9.2.7 I2C-bus status register (I2CStat)
This register reports the I2C-bus transmit and receive frame status, whether the frame
transmits correctly or not.
Table 7.
I2C-bus clock frequency
I2CClk
(I2CClkH + I2CClkL)
I2C-bus clock frequency
10 (minimum)
369 kHz
15
246 kHz
25
147 kHz
30
123 kHz
50
74 kHz
60
61 kHz
100
37 kHz
Table 8.
I2CTO - I2C-bus time-out register (address 0x09h) bit description
Bit
Symbol
Description
7:1
TO[7:1]
time-out value
0
TE
enable/disable time-out function
logic 0 = disable
logic 1 = enable
time-out period
I 2CTO 7:1
[] 256
×
57600
-----------------------------------------------
onds
sec
=
Table 9.
I2C-bus status
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2C-bus status description
11110000
I2C_OK
11110001
I2C_NACK_ON_ADDRESS
11110010
I2C_NACK_ON_DATA
11111000
I2C_TIME_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com