Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700IPW Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SC18IM700IPW
Description  Master I2C-bus controller with UART interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM700IPW Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SC18IM700IPW Datasheet HTML 11Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 12Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 13Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 14Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 15Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 16Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 17Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 18Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
SC18IM700_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 August 2007
15 of 22
NXP Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
11. Static characteristics
[1]
Typical ratings are not guaranteed. The values listed are at room temperature, 3 V.
[2]
See Table 10 “Limiting values” for steady state (non-transient) limits on IOL or IOH. If IOL/IOH exceeds the test condition, VOL/VOH may
exceed the related specification.
[3]
Pin capacitance is characterized but not tested.
[4]
Measured with GPIO in quasi-bidirectional mode.
[5]
Measured with GPIO in high-impedance mode.
[6]
GPIO in quasi-bidirectional mode with weak pull-up (applies to all GPIO pins with pull-ups). Does not apply to open-drain pins.
[7]
GPIO pins source a transition current when used in quasi-bidirectional mode and externally driven from logic 1 to logic 0. This current is
highest when VI is approximately 2 V.
Table 11.
Static characteristics
VDD = 2.4 V to 3.6 V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD
supply current
VDD = 3.6 V
Operating mode; f = 7.3728 MHz
-
9
15
mA
Idle mode; f = 7.3728 MHz
-
3.25
5
mA
Power-down mode (sleep);
GPIO0 to GPIO7 as inputs;
inputs at VDD
-50
70
µA
VPOR
power-on reset voltage
-
-
0.2
V
Vth(HL)
negative-going threshold
voltage
except SCL, SDA
0.22VDD
0.4VDD
-V
VIL
LOW-level input voltage
SCL, SDA only
−0.5
-
0.3VDD
V
Vth(LH)
positive-going threshold
voltage
except SCL, SDA
-
0.6VDD
0.7VDD
V
VIH
HIGH-level input voltage SCL, SDA only
0.7VDD
-
5.5
V
VOL
LOW-level output
voltage
IOL =20mA
[2] -
0.6
1.0
V
IOL = 3.2 mA
[2] -
0.2
0.3
V
VOH
HIGH-level output
voltage
IOH = −20 mA; Push-pull mode;
GPIO3 to GPIO7
0.8VDD
--
V
IOH = −3.2 mA; Push-pull mode;
GPIO0 to GPIO2
VDD − 0.7 VDD − 0.4 -
V
IOH = −20 mA; quasi-bidirectional
mode; all GPIOs
VDD − 0.3 VDD − 0.2 -
V
Cio
input/output capacitance
[3] -
-
15
pF
IIL
LOW-level input current
logic 0; all ports; VI = 0.4 V
[4] --
−80
µA
ILI
input leakage current
all ports; VI =VIL or VIH
[5] --
−10
µA
IT(HL)
negative-going transition
current
logic 1-to-0; all ports; VI = 2.0 V at
VDD = 3.6 V
[6][7]
−30
-
−450
µA
RRESET_N(int)
internal pull-up
resistance on pin
RESET
10
-
30
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com