Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700IPW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC18IM700IPW
Description  Master I2C-bus controller with UART interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM700IPW Datasheet(HTML) 1 Page - NXP Semiconductors

  SC18IM700IPW Datasheet HTML 1Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 2Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 3Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 4Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 5Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 6Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 7Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 8Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The SC18IM700 is designed to serve as an interface between the standard UART port of
a microcontroller or microprocessor and the serial I2C-bus; this allows the microcontroller
or microprocessor to communicate directly with other I2C-bus devices. The SC18IM700
can operate as an I2C-bus master. The SC18IM700 controls all the I2C-bus specific
sequences, protocol, arbitration and timing. The host communicates with SC18IM700 with
ASCII messages protocol; this makes the control sequences from the host to the
SC18IM700 become very simple.
2.
Features
I UART host interface
I I2C-bus controller
I Eight programmable I/O pins
I High-speed UART: baud rate up to 460.8 kbit/s
I High-speed I2C-bus: 400 kbit/s
I 16-byte TX FIFO
I 16-byte RX FIFO
I Programmable baud rate generator
I 2.3 V and 3.6 V operation
I Sleep mode (power-down)
I UART message format resembles I2C-bus transaction format
I I2C-bus master functions
I Multi-master capability
I 5 V tolerance on the input pins
I 8 N 1 UART format (8 data bits, no parity bit, 1 stop bit)
I Available in very small TSSOP16 package
3.
Applications
I Enable I2C-bus master support in a system
I I2C-bus instrumentation and control
I Industrial control
I Medical equipment
I Cellular telephones
I Handheld computers
SC18IM700
Master I2C-bus controller with UART interface
Rev. 02 — 10 August 2007
Product data sheet


Similar Part No. - SC18IM700IPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IM700IPW PHILIPS-SC18IM700IPW Datasheet
108Kb / 21P
Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
More results

Similar Description - SC18IM700IPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CL781 PHILIPS-P83CL781 Datasheet
342Kb / 76P
Low voltage 8-bit microcontrollers with UART and I2C-bus
1997 Mar 14
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
8-bit microcontroller with I2C-bus interface
1996 Nov 25
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
I2C-bus controller
1997 Oct 21
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
150 MHz video controller with I2C-bus
1997 Nov 25
SC18IM700 PHILIPS-SC18IM700 Datasheet
108Kb / 21P
Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
I2C Bus Interface - Slave
logo
NXP Semiconductors
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
UART to I2C-bus bridge
Rev.1.0-22 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com