Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC05 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
Technical Data
MC68HC05J1A — Rev. 3.0
Multifunction Timer
Multifunction Timer
RTIE — Real-Time Interrupt Enable Bit
This read/write bit enables real-time interrupts.
1 = Real-time interrupts enabled
0 = Real-time interrupts disabled
TOFR — Timer Overflow Flag Reset Bit
Writing a logic 1 to this write-only bit clears the TOF bit. TOFR always
reads as logic 0. Reset clears TOFR.
RTIFR — Real-Time Interrupt Flag Reset Bit
Writing a logic 1 to this write-only bit clears the RTIF bit. RTIFR
always reads as logic 0. Reset clears RTIFR.
RT1 and RT0 — Real-Time Interrupt Select Bits 1 and 0
These read/write bits select one of four RTI rates, as shown in
Table 8-1. Because the selected RTI output drives the COP
watchdog, changing the real-time interrupt rate also changes the
counting rate of the COP watchdog. Reset sets RT1 and RT0.
NOTE:
Changing RT1 and RT0 when a COP timeout is imminent or uncertain
may cause a real-time interrupt request to be missed or an additional
real-time interrupt request to be generated. Clear the COP timer just
before changing RT1 and RT0.
Table 8-1. Real-Time Interrupt Rate Selection
RT1:RT0
Number
of Cycles
to RTI
RTI
Period(1)
1. At 2-MHz bus, 4-MHz XTAL, 0.5
µs per cycle
Number
of Cycles
to COP Reset
COP Timeout
Period(1)
0 0
214 = 16,384
8.2 ms
217 = 131,072
65.5 ms
0 1
215 = 32,768
16.4 ms
218 = 262,144
131.1 ms
1 0
216 = 65,536
32.8 ms
219 = 524,288
262.1 ms
1 1
217 = 131,072
65.5 ms
220 = 1,048,576
524.3 ms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com