Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC05 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 15Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 16Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 20Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 21Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 22Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 128 page
background image
General Description
Mask Options
MC68HC05J1A — Rev. 3.0
Technical Data
General Description
•
15-bit multifunction timer
•
Computer operating properly (COP) watchdog
•
Power-saving stop (or halt), wait, and data-retention modes
•
Illegal address reset
•
Internal steering diode between RESET and VDD pins
•
8
× 8 unsigned multiply instruction
•
20-pin plastic dual in-line package (PDIP)
•
20-pin small outline integrated circuit package (SOIC)
1.4 Mask Options
Available MC68HC05J1A mask options are:
•
On-chip oscillator connections: crystal/ceramic resonator
connections or resistor-capacitor (RC) network connections
•
Crystal/ceramic resonator feedback resistor: connected or not
connected (available only with crystal/ceramic oscillator mask
option)
•
STOP instruction: enabled or disabled (converted to WAIT
instruction)
•
External interrupt pins: edge-triggered or edge- and
level-triggered
•
Port A and port B pulldown resistors: connected or not connected
•
COP watchdog timer: enabled or disabled
•
Port A external interrupt capability: enabled or disabled
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com