Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC05 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 93Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 94Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 95Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 96Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 97Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 98Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 99Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 100Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
Electrical Specifications
Operating Temperature Range
MC68HC05J1A — Rev. 3.0
Technical Data
Electrical Specifications
10.4 Operating Temperature Range
10.5 Thermal Characteristics
Rating
Symbol
Value
Unit
Operating temperature range
MC68HC05J1AP(1), DW(2)
MC68HC05J1AC(3)P, CDW
MC68HC05J1AV(4)P
MC68HC05J1AVDW
1. P = Plastic dual in-line package (PDIP)
2. DW = Small outline integrated circuit (SOIC)
3. C = Extended temperature range (–40
°C to +85°C)
4. V = Automotive temperature range (–40
°C to +105°C)
TA
0 to +70
–40 to +85
–40 to +105
–40 to +105
°C
Characteristic
Symbol
Value
Unit
Maximum junction temperature
TJ
150
°C
Thermal resistance
MC68HC05J1AP(1)
MC68HC05J1ADW(2)
1. P = Plastic dual in-line package (PDIP)
2. DW = Small outline integrated circuit (SOIC)
θ
JA
68
85
°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com