Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8403 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8403
Description  Motor Drive Applications Notebook PC Applications Portable Equipment Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8403 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8403_06 Datasheet HTML 1Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 2Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 3Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 4Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 5Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 6Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 7Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 8Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TPC8403
2006-11-13
5
P-channel
0.1
−0.1
1
10
100
−1
−10
−100
Common source
VDS = −10 V
Ta
= −55°C
25°C
Ta
= 100°C
0.3
0.5
3
5
30
50
−0.3
−3
−30
1
−0.1
−1
−100
10
100
3
5
30
50
−10
Common source
Ta
= 25°C
Pulse test
VGS = −4.5 V
VGS = −10 V
−0.3
−3
−30
0
0
−2
−3
−4
−5
−6
−6
−18
−1
−2
−10
−14
Ta
= 100ºC
−55ºC
25ºC
Common source
VDS = −10 V
Pulse test
0
0
−2
−4
−6
−8
−10
−0.1
−0.3
−0.5
−0.6
−12
−0.2
−0.4
Common source
Ta
= 25°C
Pulse test
−2.2 A
ID = −4.5 A
−1.3A
0
−1
−2
−3
−4
−5
0
−2
−4
−6
−8
−10
VGS = −2.2 V
−2.4 V
−2.6 V
−2.8 V
−3 V
−3.2 V
−4 V
−3.6 V
−10 V
−8 V
Common source
Ta
= 25°C
Pulse test
−3.4 V
−6 V
Common source
Ta
= 25°C
Pulse test
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
−1
−2
−3
−4
−5
VGS = −2.2 V
−2.4 V
−2.6 V
−2.8 V
−3 V
−3.2 V
−4 V
−6 V
−10 V
−8 V
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com