Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8403 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TPC8403
Description  Motor Drive Applications Notebook PC Applications Portable Equipment Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8403 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TPC8403_06 Datasheet HTML 3Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 4Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 5Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 6Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 7Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 8Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 9Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 10Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TPC8403
2006-11-13
8
N-channel
0.1
0.1
1
10
100
1
10
100
0.3
0.5
3
5
30
50
0.3
3
30
Common source
VDS = 10 V
Pulse test
Ta
= −55°C
Ta
= 25°C
Ta
= 100°C
1
0.1
1
100
10
100
3
5
30
50
10
Common source
Ta
= 25°C
Pulse test
VGS = 10 V
VGS = 4.5 V
0.3
3
30
0
02
4
6
8
10
0.1
0.3
0.5
0.6
12
0.2
0.4
3 A
1.5 A
Common source
Ta
= 25°C
Pulse test
ID = 6 A
0
0
2
3
4
5
6
8
20
1
16
4
12
100ºC
Ta
= −55ºC
25ºC
Common source
VDS = 10 V
Pulse test
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
Common source
Ta
= 25°C
Pulse test
VGS = 2.6 V
2.8 V
2.9 V
3 V
3.1 V
3.2 V
3.3 V
3.4 V
3.6 V
4 V
6 V
10 V
8 V
0
123
4
5
0
4
8
12
16
20
VGS = 2.6 V
2.8 V
3 V
3.2 V
3.4 V
10 V
Common source
Ta
= 25°C
Pulse test
3.6 V
3.8 V
4 V
6 V
8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com