Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8403 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TPC8403
Description  Motor Drive Applications Notebook PC Applications Portable Equipment Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8403 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TPC8403_06 Datasheet HTML 3Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 4Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 5Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 6Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 7Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 8Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 9Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 10Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TPC8403
2006-11-13
9
N-channel
0
0
10
20
30
40
8
16
24
32
16
12
8
4
0
VDD = 24 V
Common source
ID = 6 A
Ta
= 25°C
Pulse test
VGS
0
−80
0
160
80
1
2
3
Common source
VDS = 10 V
ID = 1 mA
Pulse test
−40
40
120
1
0.1
1
10
100
10
100
1000
10000
Common source
Ta
= 25°C
f
= 1MHz
VGS = 0 V
Ciss
Coss
Crss
0.3
3
30
0
−80
50
30
10
0
−40
40
80
120
160
60
40
20
Common source
Pulse test
VGS = 4.5 V
6 A
VGS = 10 V
ID = 1.5 A
3 A
6 A
ID = 1.5 A
3 A
RDS (ON) – Ta
IDR – VDS
Capacitance – VDS
Vth – Ta
PD – Ta
Dynamic input/output characteristics
Ambient temperature Ta (°C)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
0.1
0
−0.2
−0.4
−0.6
−0.8
−1.2
0.3
0.5
1
10
3
5
−1.0
30
Common source
Ta
= 25°C
Pulse test
10
5
3
1
VGS = 0 V
0
0
0.4
0.8
1.2
1.6
2
40
80
200
160
120
Device mounted on a glass-epoxy board (
a)
(Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual
operation (Note 3b)
Device mounted on a glass-epoxy board
(b) (Note 2b)
(3) Single-device operation (Note 3a)
(4) Single-device value at dual
operation (Note 3b)
t
= 10 s
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com