Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7622ACPD Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 8Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 9Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 10Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 11Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 12Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 13Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 14Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 15Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
12
______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS (Triple/Quad)
ELECTRICAL CHARACTERISTICS (Triple/Quad)
(VSUPP = ±1.0V, IQ = 10µA, TA = +25°C, unless otherwise noted.) (Specifications apply to ICL7631/7632/7642 only.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Total Supply Voltage (V+ to V-) ...........................................+18V
Input Voltage ........................................(V+ + 0.3V) to (V- - 0.3V)
Differential Input Voltage (Note 5) .......±|(V+ + 0.3V) - (V- - 0.3V)
Duration of Output Short Circuit (Note 6) ......................Unlimited
Continuous Power Dissipation (TA = +25°C)
TO-99 Metal Can (derate 2mW/°C above +25°C) .......250mW
8-Pin Minidip (derate 2mW/°C above +25°C) ..............250mW
14-Pin Plastic (derate 3mW/°C above +25°C) .............375mW
14-Pin CERDIP (derate 4mW/°C above +25°C)...........500mW
16-Pin Plastic (derate 3mW/°C above +25°C) .............375mW
16-Pin CERDIP (derate 4mW/°C above +25°C)...........500mW
Operating Temperature Ranges:
M Series .............................................................-55°C to +125°C
E Series................................................................-40°C to +85°C
C Series .................................................................-0°C to +70°C
Storage Temperature Range ............................-55°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
ICL76XXB
ICL76XXC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RS
≤ 100kΩ,
TA = +25°C
510
Input Offset Voltage
VOS
RS
≤ 100kΩ,
TMIN
≤ TA ≤ TMAX
712
mV
Temperature
Coefficient of VOS
∆VOS/∆TRS ≤ 100kΩ
15
20
µV/°C
TA = +25°C
0.5
30
0.5
30
Input Offset Current
IOS
0°C
≤ TA ≤ +70°C
300
300
pA
TA = +25°C
1.0
50
1.0
50
Input Bias Current
IBIAS
0°C
≤ TA ≤ +70°C
500
500
pA
Common-Mode
Voltage Range
VCMR
-0.4
+0.6
-0.4
+0.6
V
RL = 1M
Ω, TA = +25°C
±0.98
±0.98
Output Voltage
Swing
VOUT
RL = 1M
Ω, 0°C ≤ TA ≤
+70°C
±0.96
±0.96
V
VO = ±0.1V, RL = 1M
Ω,
TA = +25°C
90
90
Large-Signal Voltage
Gain
AVOL
VO = ±0.1V, RL = 1M
Ω,
0°C
≤ TA ≤ +70°C
80
80
dB
Unity-Gain
Bandwidth
GBW
0.044
0.044
MHz
Input Resistance
RIN
10
12
10
12
Ω
Common-Mode
Rejection Ratio
CMRR
RS
≤ 100kΩ
80
80
dB
Note 5: Long-term offset voltage stability will be degraded if large input differential voltages are applied for long periods of time.
Note 6: The outputs may be shorted to ground or to either supply for VSUPP ≤ 10V. Care must be taken to insure that the
dissipation rating is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com