Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7622ACPD Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 9Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 10Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 11Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 12Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 13Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 14Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 15Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 16Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
______________________________________________________________________________________
13
ELECTRICAL CHARACTERISTICS (Triple/Quad) (continued)
(VSUPP = ±1.0V, IQ = 10µA, TA = +25°C, unless otherwise noted.) (Specifications apply to ICL7631/7632/7642 only.)
ICL76XXB
ICL76XXC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Power-Supply
Rejection Ratio
PSRR
80
80
dB
Input-Referred Noise
Voltage
en
RS = 100
Ω, f = 1kHz
100
100
nV/
√Hz
Input-Referred Noise
Current
in
RS = 100
Ω, f = 1kHz
0.01
0.01
pA/
√Hz
Supply Current (Per
Amplifier)
ISUPP
No signal, no load
6
15
6
15
µA
Channel Separation
VO1 / VO2
AVOL = 100
120
120
dB
Slew Rate
SR
AVOL = 1, CL = 100pF,
VIN = 0.2VP-P, RL = 1M
Ω
0.016
0.016
V/µs
Rise Time
tr
VIN = 50mV, CL =
100pF, RL = 1M
Ω
20
20
µs
Overshoot Factor
VIN = 50mV, CL =
100pF, RL = 1M
Ω
55
%
ELECTRICAL CHARACTERISTICS (Triple/Quad)
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
ICL76XXB
ICL76XXC
ICL76XXE
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RS
≤ 100kΩ,
TA = +25°C
510
20
Input Offset
Voltage
VOS
RS
≤ 100kΩ,
TMIN
≤ TA ≤ TMAX
715
25
mV
Temperature
Coefficient of VOS
∆VOS/∆TRS ≤ 100kΩ
15
20
30
µV/°C
TA = +25°C
0.5
30
0.5
30
0.5
30
C: 0°C
≤ TA ≤
+70°C
300
300
300
Input Offset
Current
IOS
M: -55°C
≤ TA ≤
+125°C
800
800
800
pA
TA = +25°C
1.0
50
1.0
50
1.0
50
C: 0°C
≤ TA ≤
+70°C
500
500
500
Input Bias Current
IBIAS
M: -55°C
≤ TA ≤
+125°C
4000
4000
4000
pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com