Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7622ACPD Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 11Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 12Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 13Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 14Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 15Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 16Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 17Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 18Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
______________________________________________________________________________________
15
ELECTRICAL CHARACTERISTICS (Triple/Quad) (continued)
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
ICL76XXB
ICL76XXC
ICL76XXE
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TA =
+25°C
86
104
80
104
80
104
C: 0°C
≤
TA
≤
+70°C
80
75
75
VO =
±4.0V,
RL =
1M
Ω,
IQ =
10µA
(Note 7)
M: -55°C
≤ TA ≤
+125°C
74
68
68
TA =
+25°C
86
102
80
102
80
102
C: 0°C
≤
TA
≤
+70°C
80
75
75
VO =
±4.0V,
RL =
100k
Ω,
IQ =
100µA
M: -55°C
≤ TA ≤
+125°C
74
68
68
TA =
+25°C
86
98
80
98
80
98
C: 0°C
≤
TA
≤
+70°C
80
75
75
Large-Signal
Voltage Gain
AVOL
VO =
±4.0V,
RL =
10k
Ω
(Note 8),
IQ =
1mA
(Note 7)
M: -55°C
≤ TA ≤
+125°C
74
68
68
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com