Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F03 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT66F03 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 139 page
background image
HT66F04
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
¾
AN0~AN3
A/D converter input
ACERL
AN
¾
PA0~PA3
VREF
A/D converter reference input
ADCR1
AN
¾
PA1
C-
Comparator input
CPC
AN
¾
PA1
C+
Comparator input
AN
¾
PA0
CX
Comparator output
¾
CMOS
PA2
TCK0
TM0 input
PRM
ST
¾
PA4, PA6 or PA7
TCK1
TM1 input
PRM
ST
¾
PA3 or PA7
TCK2
TM2 input
PRM
ST
¾
PA3, PA5 or PA2
TP0
TM0 I/O
PRM
ST
CMOS
PA3, PA5 or PA2
TP1
TM1 I/O
PRM
ST
CMOS
PA4, PA6 or PA7
TP2A
TM2 I/O
PRM
ST
CMOS
PA6, PA1 or PA7
TP2B
TM2 I/O
PRM
ST
CMOS
PA5, PA0 or PA2
INT
External Interrupt
¾
ST
¾
PA3 or PA7
OSC1
HXT/ERC/LXT pin
CO
HXT
LXT
¾
PA6
OSC2
HXT/LXT pin
CO
¾
HXT
LXT
PA5
RES
Reset pin
CO
ST
¾
PA7
VDD
Power supply *
¾
PWR
¾¾
AVDD
A/D converter power supply *
¾
PWR
¾¾
VSS
Ground **
¾
PWR
¾¾
AVSS
A/D converter ground **
¾
PWR
¾¾
Note:
I/T: Input type; O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option; ST: Schmitt Trigger input
CMOS: CMOS output; NMOS: NMOS output
SCOM: Software controlled LCD COM; AN: Analog input pin
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
*: VDD is the device power supply while AVDD is the ADC power supply. The AVDD pin is bonded together in-
ternally with VDD.
**: VSS is the device ground pin while AVSS is the ADC ground pin. The AVSS pin is bonded together internally
with VSS.
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
5
April 16, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com