Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F03 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT66F03 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 139 page
background image
Pin Description
With the exception of the power pins, all pins on these devices can be referenced by their Port name, e.g. PA.0, PA.1
etc, which refer to the digital I/O function of the pins. However these Port pins are also shared with other function such
as the Analog to Digital Converter, Serial Port pins etc. The function of each pin is listed in the following table, however
the details behind how each pin is configured is contained in other sections of the datasheet.
The following tables only include the pins which are directly related to the MCU. The pin descriptions of the additional
peripheral functions are located at the end of the datasheet along with the relevant peripheral function functional de-
scription.
HT66F03
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
¾
AN0~AN3
A/D converter input
ACERL
AN
¾
PA0~PA3
VREF
A/D converter reference input
ADCR1
AN
¾
PA1
C-
Comparator input
CPC
AN
¾
PA1
C+
Comparator input
AN
¾
PA0
CX
Comparator output
¾
CMOS
PA2
TCK0
TM0 input
PRM
ST
¾
PA4, PA6 or PA7
TCK1
TM1 input
PRM
ST
¾
PA3 or PA7
TP0
TM0 I/O
PRM
ST
CMOS
PA3, PA5 or PA2
TP1
TM1 I/O
PRM
ST
CMOS
PA4, PA6 or PA7
INT
External Interrupt
¾
ST
¾
PA3 or PA7
OSC1
HXT/ERC/LXT pin
CO
HXT
LXT
¾
PA6
OSC2
HXT/LXT pin
CO
¾
HXT
LXT
PA5
RES
Reset pin
CO
ST
¾
PA7
VDD
Power supply *
¾
PWR
¾¾
AVDD
A/D converter power supply *
¾
PWR
¾¾
VSS
Ground **
¾
PWR
¾¾
AVSS
A/D converter ground **
¾
PWR
¾¾
Note:
I/T: Input type; O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option; ST: Schmitt Trigger input
CMOS: CMOS output; NMOS: NMOS output
SCOM: Software controlled LCD COM; AN: Analog input pin
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
*: VDD is the device power supply while AVDD is the ADC power supply. The AVDD pin is bonded together
internally with VDD.
**: VSS is the device ground pin while AVSS is the ADC ground pin. The AVSS pin is bonded together internally
with VSS.
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
4
April 16, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com