Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F03 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT66F03 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 139 page
background image
HT66F03/ HT66F04/HT68F03/ HT68F04
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 1.00
1
April 16, 2010
General Description
The devices are Flash Memory type 8-bit high perfor-
mance RISC architecture microcontrollers. Offering us-
ers
the
convenience
of
Flash
Memory
multi-programming features, these devices also include
a wide range of functions and features. Other memory
includes an area of RAM Data Memory as well as an
area of EEPROM memory for storage of non-volatile
data such as serial numbers, calibration data etc.
Analog features include a multi-channel 12-bit A/D con-
verter and a comparator functions. Multiple and ex-
tremely flexible Timer Modules provide timing, pulse
generation and PWM generation functions. Protective
features such as an internal Watchdog Timer, Low Volt-
age Reset and Low Voltage Detector coupled with ex-
cellent noise immunity and ESD protection ensure that
reliable operation is maintained in hostile electrical envi-
ronments.
A full choice of HXT, LXT, ERC, HIRC and LIRC oscilla-
tor functions are provided including a fully integrated
system oscillator which requires no external compo-
nents for its implementation. The ability to operate and
switch dynamically between a range of operating
modes using different clock sources gives users the
ability to optimise microcontroller operation and mini-
mize power consumption.
The inclusion of flexible I/O programming features,
Time-Base functions along with many other features en-
sure that the devices will find excellent use in applica-
tions such as electronic metering, environmental
monitoring, handheld instruments, household appli-
ances, electronically controlled tools, motor driving in
addition to many others.
Features
CPU Features
· Operating Voltage:
f
SYS= 8MHz: 2.2V~5.5V
f
SYS= 12MHz: 2.7V~5.5V
f
SYS= 20MHz: 4.5V~5.5V
· Up to 0.2ms instruction cycle with 20MHz system
clock at V
DD=5V
· Power down and wake-up functions to reduce power
consumption
· Five oscillators:
External high speed xtal
External 32.768kHz xtal
External RC
Internal high speed -- no external components
Internal 32kHz -- no external components
· Multi-mode operation: NORMAL, SLOW, IDLE and
SLEEP
· Fully integrated internal 4MHz, 8MHz and 12MHz
oscillator requires no external components
· All instructions executed in one or two instruction
cycles
· Table read instructions
· 63 powerful instructions
· Up to 8 subroutine nesting levels
· Bit manipulation instruction
Peripheral Features
· Flash Program Memory: 1K´14~2K´15
· RAM Data Memory: 64´8~96´8
· EEPROM Memory: 64´8
· Watchdog Timer function
· Up to 8 bidirectional I/O lines
· External interrupt line shared with I/O pin
· Multiple Timer Module for time measure, input
capture, compare match output, PWM output or
single pulse output functions
· Comparator function
· Dual Time-Base functions for generation of fixed time
interrupt signals
· Low voltage reset function
· Low voltage detect function
· Multi-channel 12-bit resolution A/D converter
· Package types: 10-pin MSOP
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT66F03

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F03 HOLTEK-HT66F03 Datasheet
2Mb / 147P
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F03M HOLTEK-HT66F03M Datasheet
125Kb / 13P
1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
8-Bit Flash MCU with RF Transmitter
HT66F03 HOLTEK-HT66F03_11 Datasheet
2Mb / 147P
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
More results

Similar Description - HT66F03

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
June 4, 2010
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT66F03 HOLTEK-HT66F03_11 Datasheet
2Mb / 147P
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
May 14, 2012
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
Enhanced Flash Type 8-Bit MCU with EEPROM
January 17, 2013
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com