Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC02 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT24LC02
Description  CMOS 2K 2-Wire Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT24LC02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
HT24LC02
Rev. 1.70
5
May 6, 2010
· Page write
The 2K EEPROM is capable of an 8-byte page write.
A page write is initiated the same as byte write, but the
microcontroller does not send a stop condition after
the first data word is clocked in. Instead, after the
EEPROM acknowledges the receipt of the first data
word, the microcontroller can transmit up to seven
more data words. The EEPROM will respond with a
zero after each data word received. The
microcontroller must terminate the page write se-
quence with a stop condition.
The data word address lower three (2K) bits are inter-
nally incremented following the receipt of each data
word. The higher data word address bits are not incre-
mented, retaining the memory page row location (re-
fer to Page write timing).
· Acknowledge polling
To maximise bus throughput, one technique is to allow
the master to poll for an acknowledge signal after the
start condition and the control byte for a write com-
mand have been sent. If the device is still busy imple-
menting its write cycle, then no ACK will be returned.
The master can send the next read/write command
when the ACK signal has finally been received.
· Write protect
The HT24LC02 has a write-protect function and pro-
gramming will then be inhibited when the WP pin is
connected to VCC. Under this mode, the HT24LC02 is
used as a serial ROM.
· Read operations
The HT24LC02 supports three read operations,
namely, current address read, random address read
and sequential read. During read operation execution,
the read/write select bit should be set to
²1².
· Current address read
The internal data word address counter maintains the
last address accessed during the last read or write op-
eration, incremented by one. This address stays valid
between operations as long as the chip power is main-
tained. The address roll over during read from the last
byte of the last memory page to the first byte of the first
page. The address roll over during write from the last
byte of the current page to the first byte of the same
page. Once the device address with the read/write se-
lect bit set to one is clocked in and acknowledged by
the EEPROM, the current address data word is seri-
ally clocked out. The microcontroller should respond a
No ACK (High) signal and following stop condition (re-
fer to Current read timing).
R / W
A 2 A 1 A 0
S
P
D e v i c e a d d r e s s
W o r d a d d r e s s
D A T A
A C K
S t o p
S t a r t
S D A
A C K
A C K
B y t e W r i t e T i m i n g
P
D e v i c e a d d r e s s
W o r d a d d r e s s
D A T A n
A C K
S t o p
S t a r t
S D A
A C K
A C K
S
A C K
D A T A n + 1
D A T A n + x
P a g e W r i t e T i m i n g
A 2 A 1 A 0
S
P
D e v i c e a d d r e s s
D A T A
A C K
S t o p
S t a r t
S D A
N o A C K
C u r r e n t R e a d T i m i n g
S e n d W r i t e C o m m a n d
S e n d S t o p C o n d i t i o n
t o I n i t i a t e W r i t e C y c l e
S e n d S t a r t
S e n d C o t r o l l B y t e
w i t h R / W = 0
( A C K = 0 ) ?
N e x t O p e r a t i o n
N o
Y e s
Acknowledge Polling Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com