Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC02 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT24LC02
Description  CMOS 2K 2-Wire Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT24LC02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HT24LC02
CMOS 2K 2-Wire Serial EEPROM
Block Diagram
Pin Assignment
Pin Description
Pin Name
I/O
Description
A0~A2
I
Address inputs
SDA
I/O
Serial data inputs/output
SCL
I
Serial clock data input
WP
I
Write protect
VSS
¾
Negative power supply, ground
VCC
¾
Positive power supply
Rev. 1.70
1
May 6, 2010
Features
· Operating voltage:
2.2V~5.5V for temperature
-40°Cto+85°C
· Low power consumption
- Operation: 5mA max.
- Standby: 2mA max.
· Internal organization: 256´8
· 2-wire serial interface
· Write cycle time: 5ms max.
· Automatic erase-before-write operation
· Partial page write allowed
· 8-byte Page write modes
· Write operation with built-in timer
· Hardware controlled write protection
· 40-year data retention
· 106 erase/write cycles per word
· Industrial temperature range (-40°Cto+85°C)
· 8-pin DIP/SOP/TSSOP , SOT23-5 package.
General Description
The HT24LC02 is a 2K-bit serial read/write non-volatile
memory device using the CMOS floating gate process.
Its 2048 bits of memory are organized into 256 words
and each word is 8 bits. The device is optimized for use
in many industrial and commercial applications where
low power and low voltage operation are essential. Up
to eight HT24LC02 devices may be connected to the
same 2-wire bus. The HT24LC02 is guaranteed for 1M
erase/write cycles and 40-year data retention.
1
2
3
4
8
7
6
5
H T 2 4 L C 0 2
8 D I P - A / S O P - A / T S S O P - A
A 0
A 1
A 2
V S S
V C C
W P
S C L
S D A
H T 2 4 L C 0 2
S O T 2 3 - 5 - A
S D A
V S S
V C C
S C L
V V P
T o p
V i e w
5
4
1
2
3
N o t e : F o r u s e o f S O T 2 3 - 5 p a c k a g e , t h e s o f t w a r e A 2 , A 1 , a n d A 0 b i t s i n t h e
d e v i c e a d d r e s s w o r d m u s t b e s e t t o z e r o t o p r o p e r l y c o m m u n i c a t e .
I / O
C o n t r o l
L o g i c
M e m o r y
C o n t r o l
L o g i c
S C L
S D A
A d d r e s s
C o u n t e r
A 0 ~ A 2
V C C
V S S
X
D
E
C
E E P R O M
A r r a y
P a g e B u f
Y D E C
S e n s e A M P
R / W C o n t r o l
H V P u m p
W P


Similar Part No. - HT24LC02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02 Datasheet
248Kb / 8P
1K/2K 2-Wire CMOS Serial EEPROM
6th May 99
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
CMOS 2K 2-Wire Serial EEPROM
June 27, 2007
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
More results

Similar Description - HT24LC02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
1K/2K 2-Wire CMOS Serial EEPROM
6th May 99
HT93LC56 HOLTEK-HT93LC56 Datasheet
375Kb / 10P
2K 3-Wire CMOS Serial EEPROM
6th May 99
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Sanyo Semicon Device
LE24C0221M SANYO-LE24C0221M Datasheet
101Kb / 11P
CMOS IC Two Wire Serial Interface EEPROM (2k EEPROM)
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
CMOS 2K 2-Wire Serial EEPROM
June 27, 2007
logo
Integrated Silicon Solu...
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
CMOS 2K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com