Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC02 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT24LC02
Description  CMOS 2K 2-Wire Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT24LC02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
A.C. Characteristics
Symbol
Parameter
Remark
Standard
Mode*
VCC=3V
±10%
VCC=5V
±10%
Unit
Min.
Max.
Min.
Max.
Min.
Max.
fSK
Clock Frequency
¾¾
100
¾
400
¾
1000
kHz
tHIGH
Clock High Time
¾
4000
¾
600
¾
400
¾
ns
tLOW
Clock Low Time
¾
4700
¾
1200
¾
600
¾
ns
tr
SDA and SCL Rise Time
Note
¾
1000
¾
300
¾
300
ns
tf
SDA and SCL Fall Time
Note
¾
300
¾
300
¾
100
ns
tHD:STA
START Condition Hold Time
After this period the first
clock pulse is generated
4000
¾
600
¾
250
¾
ns
tSU:STA
START Condition Setup Time
Only relevant for repeated
START condition
4000
¾
600
¾
250
¾
ns
tHD:DAT
Data Input Hold Time
¾
0
¾
0
¾¾¾
ns
tSU:DAT
Data Input Setup Time
¾
200
¾
100
¾
100
¾
ns
tSU:STO
STOP Condition Setup Time
¾
4000
¾
600
¾
250
¾
ns
tAA
Output Valid from Clock
¾¾
3500
¾
900
50
550
ns
tBUF
Bus Free Time
Time in which the bus must
be free before a new trans-
mission can start
4700
¾
1200
¾
500
¾
ns
tSP
Input Filter Time Constant
(SDA and SCL Pins)
Noise suppression time
¾
100
¾
50
¾
50
ns
tWR
Write Cycle Time
¾¾
5
¾
5
¾
5ms
Note:
These parameters are periodically sampled but not 100% tested
* The standard mode means VCC= 2.2V to 5.5V at Ta=
-40°Cto+85°C
For relative timing, refer to timing diagrams
HT24LC02
Rev. 1.70
3
May 6, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com