Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56R22 Datasheet(PDF) 86 Page - Holtek Semiconductor Inc

Part # HT56R22
Description  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R22 Datasheet(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT56R22 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 89Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 131 page
background image
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.00
86
March 11, 2010
If an interrupt requires immediate servicing while the
program is already in another interrupt service routine,
the EMI bit should be set after entering the routine, to al-
low interrupt nesting. If the stack is full, the interrupt re-
quest will not be acknowledged, even if the related
interrupt is enabled, until the Stack Pointer is decre-
mented. If immediate service is desired, the stack must
be prevented from becoming full. In case of simulta-
neous requests, the accompanying diagram shows the
priority that is applied. All of the interrupt request flags
when set will wake-up the device if it is in SLEEP or
IDLE Mode, however to prevent a wake-up from occur-
ring the corresponding flag should be set before the de-
vice is in SLEEP or IDLE Mode.
External Interrupt
For an external interrupt to occur, the global interrupt en-
able bit, EMI, and external interrupt enable bits, EEI0
and EEI1, must first be set. Additionally the correct inter-
rupt edge type must be selected using the INTEDGE
register to enable the external interrupt function and to
choose the trigger edge type. An actual external inter-
rupt will take place when the external interrupt request
flag, EIF0 or EIF1, is set, a situation that will occur when
a transition, whose type is chosen by the edge select bit,
appears on the INT0 or INT1 pin. The external interrupt
pins are pin-shared with the I/O pins PA4 and PA6 and
can only be configured as external interrupt pins if their
corresponding external interrupt enable bit in the INTC0
register has been set. The pin must also be setup as an
input by setting the corresponding PAC.4 and PAC.6
bits in the port control register. When the interrupt is en-
abled, the stack is not full and the correct transition type
appears on the external interrupt pin, a subroutine call to
the external interrupt vector at location 04H or 08H, will
take place. When the interrupt is serviced, the external
interrupt request flags, EIF0 or EIF1, will be automati-
cally reset and the EMI bit will be automatically cleared
to disable other interrupts. Note that any pull-high resis-
tor selections on this pin will remain valid even if the pin
is used as an external interrupt input.
The INTEDGE register is used to select the type of active
edge that will trigger the external interrupt. A choice of ei-
ther rising and falling edge types can be chosen along
with an option to allow both edge types to trigger an ex-
ternal interrupt. Note that the INTEDGE register can also
be used to disable the external interrupt function.
· INTEDGE Register - All Devices
Bit
76543210
Name
¾¾¾¾
INT1S1
INT1S0
INT0S1
INT0S0
R/W
¾¾¾¾
R/W
R/W
R/W
R/W
POR
¾¾¾¾
0000
Bit 7~4
unimplemented, read as
²0²
Bit 3~2
INT1S1, INT1S0: interrupt edge control for INT1 pin
00: disable
01: rising edge
10: falling edge
11: rising and falling edges
Bit 1~0
INT0S1, INT0S0: interrupt edge control for INT0 pin
00: disable
01: rising edge
10: falling edge
11: rising and falling edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com