Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56R22 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT56R22
Description  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R22 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT56R22 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 131 page
background image
Selection Table
Part No.
Program
Memory
Data
Memory
I/O
Timer
Time
Base
HIRC
(MHz)
RTC
(LXT)
LCD
SCOM
A/D
D/A
PWM
Stack
Package
8-bit 16-bit
HT56R22
2K
´14
128
´8
22
2
¾
1
4/8/12
Ö
4
12-bit
´8 12-bit´1 12-bit´3
6
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
24SKDIP/SOP/SSOP
HT56R23
4K
´15
256
´8
42
2
1
1
4/8/12
Ö
4
12-bit
´8 12-bit´1 12-bit´4
12
28SKDIP/SOP/SSOP
44QFP
HT56R24
8K
´16
640
´8
42
2
1
1
4/8/12
Ö
4
12-bit
´8 12-bit´1 12-bit´4
12
28SKDIP/SOP/SSOP
44QFP
HT56R25
16K
´16
1152
´8
50
3
1
1
4/8/12
Ö
4
12-bit
´8 12-bit´1 12-bit´4
12
28SKDIP/SOP
28SSOP(209mil)
44/52QFP
HT56R26
32K
´16
2304
´8
50
3
1
1
4/8/12
Ö
4
12-bit
´8 12-bit´1 12-bit´4
12
28SKDIP/SOP
28SSOP(209ml)
44/52QFP
Note:
1. The devices are only available in OTP versions.
2. For devices that exist in more than one package formats, the table reflects the situation for the larger
package.
Block Diagram
The following block diagram illustrates the main functional blocks.
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.00
2
March 11, 2010
8 - b i t
R I S C
M C U
C o r e
T i m e r
I / O
P o r t s
T i m e
B a s e
L C D
S C O M
P F D
D r i v e r
P W M
D r i v e r
R O M / R A M
M e m o r y
T i m i n g
G e r n e r a t i o n
D / A
C o n v e r t e r
A / D
C o n v e r t e r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com