Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56R22 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT56R22
Description  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R22 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT56R22 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 131 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.0
¾
5.5
V
fSYS=12MHz
4.5
¾
5.5
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=1MHz
¾
170
250
mA
5V
¾
380
570
mA
IDD2
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=2MHz
¾
240
360
mA
5V
¾
490
730
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=4MHz
(note 4)
¾
440
660
mA
5V
¾
900
1350
mA
IDD4
Operating Current
(EC Mode, Filter On)
3V
No load, fSYS=fM=4MHz
¾
380
570
mA
5V
¾
720
1080
mA
IDD5
Operating Current
(EC Mode, Filter Off)
3V
No load, fSYS=fM=4MHz
¾
370
550
mA
5V
¾
680
1020
mA
IDD6
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=fM=8MHz
¾
1.8
2.7
mA
IDD7
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=fM=12MHz
¾
2.6
4.0
mA
IDD8
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=500kHz
¾
150
220
mA
5V
¾
340
510
mA
IDD9
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=1MHz
¾
180
270
mA
5V
¾
400
600
mA
IDD10
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=2MHz
¾
270
400
mA
5V
¾
560
840
mA
IDD11
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=1MHz
¾
240
360
mA
5V
¾
540
810
mA
IDD12
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=2MHz
¾
320
480
mA
5V
¾
680
1020
mA
IDD13
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=4MHz
¾
500
750
mA
5V
¾
1000
1500
mA
IDD14
Operating Current
fSYS= LXT or LIRC (note 1)
3V
No load, WDT off
¾
69
mA
5V
¾
10
15
mA
ISTB1
Standby Current ( Sleep)
(fSYS,fSUB,fS,fWDT=off)
3V
No load, system HALT,
WDT off
¾
0.2
1.0
mA
5V
¾
0.3
2.0
mA
ISTB2
Standby Current ( Sleep)
(fSYS,fWDT=fSUB= LXT or LIRC
3V
No load, system HALT,
WDT on
¾
24
mA
5V
¾
35
mA
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.00
13
March 11, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com