Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F20 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
38
June 4, 2010
Together with fSYS/4 it is also used as one of the clock
sources for the Watchdog timer. The fTBC clock is used
as a source for the Time Base interrupt functions and for
the TMs.
System Operation Modes
There are six different modes of operation for the
microcontroller, each one with its own special character-
istics and which can be chosen according to the specific
performance and power requirements of the applica-
tion. There are two modes allowing normal operation of
the microcontroller, the NORMAL Mode and SLOW
Mode. The remaining four modes, the SLEEP0,
SLEEP1, IDLE0 and IDLE1 Mode are used when the
microcontroller CPU is switched off to conserve power.
Operation Mode
Description
CPU
fSYS
fSUB
fS
fTBC
NORMAL Mode
On
fH~fH/64
On
On
On
SLOW Mode
On
fL
On
On
On
IDLE0 Mode
Off
Off
On
On/Off
On
IDLE1 Mode
Off
On
On
On
On
SLEEP0 Mode
Off
Off
Off
Off
Off
SLEEP1 Mode
Off
Off
On
On
Off
· NORMAL Mode
As the name suggests this is one of the main operat-
ing modes where the microcontroller has all of its
functions operational and where the system clock is
provided by one of the high speed oscillators. This
mode operates allowing the microcontroller to operate
normally with a clock source will come from one of the
high speed oscillators, either the HXT, ERC or HIRC
oscillators. The high speed oscillator will however first
be divided by a ratio ranging from 1 to 64, the actual
ratio being selected by the CKS2~LCKS0 and HLCLK
bits in the SMOD register. Although a high speed os-
cillator is used, running the microcontroller at a di-
vided clock ratio reduces the operating current.
· SLOW Mode
This is also a mode where the microcontroller oper-
ates normally although now with a slower speed clock
source. The clock source used will be from one of the
low speed oscillators, either the LXT or the LIRC.
Running the microcontroller in this mode allows it to
run with much lower operating currents. In the SLOW
Mode, the fH is off.
· SLEEP0 Mode
The SLEEP Mode is entered when an HALT instruc-
tion is executed and when the IDLEN bit in the SMOD
register is low. In the SLEEP0 mode the CPU will be
stopped, and the fSUB and fS clocks will be stopped too,
and the Watchdog Timer function is disabled. In this
mode, the LVDEN is must set to
²0². If the LVDEN is
set to
²1²,itwon¢t enter the SLEEP0 Mode.
· SLEEP1 Mode
The SLEEP Mode is entered when an HALT instruc-
tion is executed and when the IDLEN bit in the SMOD
register is low. In the SLEEP1 mode the CPU will be
stopped. However the fSUB and fS clocks will continue
to operate if the LVDEN is
²1² or the Watchdog Timer
function is enabled and if its clock source is chosen
via configuration option to come from the fSUB.
· IDLE0 Mode
The IDLE0 Mode is entered when a HALT instruction
is executed and when the IDLEN bit in the SMOD reg-
ister is high and the FSYSON bit in the WDTC register
is low. In the IDLE0 Mode the system oscillator will be
inhibited from driving the CPU but some peripheral
functions will remain operational such as the Watch-
dog Timer, TMs and SIM. In the IDLE0 Mode, the sys-
tem oscillator will be stopped. In the IDLE0 Mode the
Watchdog Timer clock, fS, will either be on or off de-
pending upon the fS clock source. If the source is
fSYS/4 then the fS clock will be off, and if the source co-
mes from fSUB then fS will be on.
· IDLE1 Mode
The IDLE1 Mode is entered when an HALT instruction
is executed and when the IDLEN bit in the SMOD reg-
ister is high and the FSYSON bit in the WDTC register
is high. In the IDLE1 Mode the system oscillator will be
inhibited from driving the CPU but may continue to
provide a clock source to keep some peripheral func-
tions operational such as the Watchdog Timer, TMs
and SIM. In the IDLE1 Mode, the system oscillator will
continue to run, and this system oscillator may be high
speed or low speed system oscillator. In the IDLE1
Mode the Watchdog Timer clock, fS, will be on. If the
source is fSYS/4 then the fS clock will be on, and if the
source comes from fSUB then fS will be on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com