Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F20 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
40
June 4, 2010
Fast Wake-up
To minimise power consumption the device can enter
the SLEEP or IDLE0 Mode, where the system clock
source to the device will be stopped. However when the
device is woken up again, it can take a considerable
time for the original system oscillator to restart, stabilise
and allow normal operation to resume. To ensure the
device is up and running as fast as possible a Fast
Wake-up function is provided, which allows fSUB,
namely either the LXT or LIRC oscillator, to act as a tem-
porary clock to first drive the system until the original
system oscillator has stabilised. As the clock source for
the Fast Wake-up function is fSUB, the Fast Wake-up
function is only available in the SLEEP1 and IDLE0
modes. When the device is woken up from the SLEEP0
mode, the Fast Wake-up function has no effect because
the fSUB clock is stopped. The Fast Wake-up enable/dis-
able function is controlled using the FSTEN bit in the
SMOD register.
If the HXT oscillator is selected as the NORMAL Mode
system clock, and if the Fast Wake-up function is en-
abled, then it will take one to two tSUB clock cycles of the
LIRC or LXT oscillator for the system to wake-up. The
system will then initially run under the fSUB clock source
until 1024 HXT clock cycles have elapsed, at which
point the HTO flag will switch high and the system will
switch over to operating from the HXT oscillator.
If the ERC or HIRC oscillators or LIRC oscillator is used
as the system oscillator then it will take 15~16 clock cy-
cles of the ERC or HIRC or 1~2 cycles of the LIRC to
wake up the system from the SLEEP or IDLE0 Mode.
The Fast Wake-up bit, FSTEN will have no effect in
these cases.
System
Oscillator
FSTEN
Bit
Wake-up Time
(SLEEP0 Mode)
Wake-up Time
(SLEEP1 Mode)
Wake-up Time
(IDLE0 Mode)
Wake-up Time
(IDLE1 Mode)
HXT
0
1024 HXT cycles
1024 HXT cycles
1~2 HXT cycles
1
1024 HXT cycles
1~2 fSUB cycles
(System runs with fSUB first for 1024 HXT cycles
and then switches over to run with the HXT clock)
1~2 HXT cycles
ERC
X
15~16 ERC cycles
15~16 ERC cycles
1~2 ERC cycles
HIRC
X
15~16 HIRC cycles
15~16 HIRC cycles
1~2 HIRC cycles
LIRC
X
1~2 LIRC cycles
1~2 LIRC cycles
1~2 LIRC cycles
LXT
X
1024 LTX cycles
1024 LXT cycles
1~2 LXT cycles
Wake-Up Times
Note that if the Watchdog Timer is disabled, which means that the LXT and LIRC are all both off, then there will be no
Fast Wake-up function available when the device wakes-up from the SLEEP0 Mode.
S L E E P 0
H A L T i n s t r u c t i o n i s e x e c u t e d
f S Y S o f f
C P U s t o p
I D L E N = 0
f T B C o f f
f S U B o f f
W D T & L V D o f f
N O R M A L
f S Y S = f H ~ f H / 6 4
f H o n
C P U r u n
f S Y S o n
f T B C o n
f S U B o n
I D L E 1
H A L T i n s t r u c t i o n i s e x e c u t e d
C P U s t o p
I D L E N = 1
F S Y S O N = 1
f S Y S o n
f T B C o n
f S U B o n
I D L E 0
H A L T i n s t r u c t i o n i s e x e c u t e d
C P U s t o p
I D L E N = 1
F S Y S O N = 0
f S Y S o f f
f T B C o n
f S U B o n
S L O W
f S Y S = f L
f L o n
C P U r u n
f S Y S o n
f T B C o n
f S U B o n
f H o f f
S L E E P 1
H A L T i n s t r u c t i o n i s e x e c u t e d
f S Y S o f f
C P U s t o p
I D L E N = 0
f T B C o f f
f S U B o n
W D T o r L V D o n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com